Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFB1N70F Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFB1N70F
Description  700V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFB1N70F Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFB1N70F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFB1N70F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFB1N70F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFB1N70F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFB1N70F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFB1N70F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFB1N70F Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HFB1N70F
700V N-Channel MOSFET
Oct 2016
Parameter
Value
Unit
BVDSS
700
V
ID
1A
RDS(on), Typ
10
Qg,Typ
3.7
nC
Key Parameters
Features
Absolute Maximum Ratings T
C=25
unless otherwise specified
Symbol
Parameter
Value
Unit
V
DSS
Drain-Source Voltage
700
V
I
D
Drain Current
– Continuous (T
C = 25
)
1.0 *
A
Drain Current
– Continuous (T
C = 100
)
0.6 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
4.0 *
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
21
mJ
I
AR
Avalanche Current
(Note 1)
1.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
0.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25
)
0.9
W
Power Dissipation (T
L = 25
)
- Derate above 25
2.5
W
0.02
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
Value
Unit
R
JL
Thermal Resistance, Junction-to-Lead, Max.
50
/W
R
JA
Thermal Resistance, Junction-to-Ambient, Max.
140
/W
Thermal Resistance Characteristics
TO-92
Symbol
G
D
S
* Drain current limited by maximum junction temperature
Originative New Design
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
100% Avalanche Tested
RoHS Compliant


Similar Part No. - HFB1N70F

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFB1N70 SEMIHOW-HFB1N70 Datasheet
306Kb / 8P
   700V N-Channel MOSFET
HFB1N70S SEMIHOW-HFB1N70S Datasheet
232Kb / 2P
   700V N-Channel MOSFET
More results

Similar Description - HFB1N70F

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com