Electronic Components Datasheet Search |
|
VCAS060312K400RP Datasheet(PDF) 1 Page - AVX Corporation |
|
VCAS060312K400RP Datasheet(HTML) 1 Page - AVX Corporation |
1 / 10 page 14 012317 TransGuard ® Automotive Series Multilayer Varistors for Automotive Applications GENERAL DESCRIPTION The TransGuard Automotive Series are zinc oxide (ZnO) based ceramic semicon- ductor devices with non-linear, bi-directional voltage-current characteristics. They have the advantage of offering bi-directional overvoltage protection as well as EMI/RFI attenuation in a single SMT package. The Automotive Series high current and high energy handling capability make them well suited for protection against automotive related transients. AVX VG series parts (large case size, high energy) are glass encapsulated. These parts provide the same high reliability as traditional VC series parts. The glass encapsulation provides also enhanced resistance against harsh environment or process such as acids, salts, chlorite flux. Operating Temperature: -55ºC to +125ºC FEATURES • High Reliability • High Energy Absorption (Load Dump) • High Current Handling • AEC Q200 Qualified • Bi-Directional protection • EMI/RFI attenuation • Multi-strike capability • Sub 1nS response to ESD strike APPLICATIONS • Internal Combustion Engine (ICE) Vehicles • Hybrid Electric Vehicles (HEV) • Plug-in Hybrid Electric Vehicles (PHEV) • Commercial Vehicles – CAN, LIN, FLEXRAY based modules – Sensors – Module load dump protection – Motor/inductive load transient suppression HOW TO ORDER *Not available for 0402 **Only available for 0402 LEAD-FREE COMPATIBLE COMPONENT VC Varistor Chip VC = Varistor Chip VG = Varistor Glass Encapsulated Chip AS Automotive Series 1206 Case Size 0402 0603 0805 1206 1210 1812 2220 3220 18 Working Voltage 400 Clamping Voltage R Package D = 7" (1000)* R = 7" (4000)* T = 13" (10,000)* W = 7" (10,000)** 0402 only 03 = 3.3Vdc 05 = 5.6Vdc 09 = 9Vdc 12 = 12Vdc 14 = 14Vdc 16 = 16Vdc 18 = 18Vdc 22 = 22Vdc 26 = 26Vdc 30 = 30Vdc 31 = 31Vdc 34 = 34Vdc 38 = 38Vdc 42 = 42Vdc 45 = 45Vdc 48 = 48Vdc 56 = 56Vdc 60 = 60Vdc 65 = 65Vdc 85 = 85Vdc A = 0.1J B = 0.2J C = 0.3J D = 0.4J E = 0.5J F = 0.7J H = 1.2J J = 1.5J K = 0.6J L = 0.8J S = 1.9-2.0J X = 0.05J M = 1J N = 1.1J U = 4.0-5.0J P = 2.5-3.7J Y = 6.5-12J P Termination P = Ni/Sn plated 140 = 14V 150 = 18V 220 = 22V 250 = 27V 300 = 32V 380 = 38V 390 = 42V 400 = 42V 440 = 44V 490 = 49V 540 = 54V 570 = 57V 580 = 60V 620 = 67V 650 = 67V 770 = 77V 800 = 80V 900 = 90V 101 = 100V 111 = 110V 131 = 135V 151 = 150V D Energy Rating |
Similar Part No. - VCAS060312K400RP |
|
Similar Description - VCAS060312K400RP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |