Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM2306-AJ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CMM2306-AJ
Description  Broadband Driver Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM2306-AJ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CMM2306-AJ Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM2306-AJ Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM2306-AJ Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM2306-AJ Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CMM2306
Product Specifications - January 1996
(4 of 4)
Physical Dimensions
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CMM2306 is available in a surface mount SOIC-8 plastic package.
Part Number for Ordering
Package
CMM2306-AJ
SOIC-8 surface mount narrow body plastic package
CMM2306-AJ-000T
SOIC-8 package in tape and reel
Test Configuration and Evaluation
Celeritek tests the CMM2306 on an FR4 PC test
board. FR4 was chosen for its low loss characteristics at fre-
quencies up to 2.5GHz. Plated through hole connections
from the top of the board to the backside ground plane mini-
mizes inductance in the ground connections. These through
hole connections are as close as possible to each ground pin.
For evaluation purposes Celeritek offers a prototype
evaluation board (PB-CMM2306-AJ) for the CMM2306.
Please call the factory or a local representative for more
information.
Handling Precaution
Microwave devices are sensitive to electrostatic dis-
charge. Proper precautions should be taken to avoid ESD
damage.
Adjacent Channel Power
π/4 DQPSK Modulation, V
d = 4.8 V
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095


Similar Part No. - CMM2306-AJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
   800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ-000T MIMIX-CMM2306-AJ-000T Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ-0G00 MIMIX-CMM2306-AJ-0G00 Datasheet
166Kb / 5P
   800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ-0G0T MIMIX-CMM2306-AJ-0G0T Datasheet
166Kb / 5P
   800-2700 MHz Broadband Driver Amplifier
More results

Similar Description - CMM2306-AJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Tyco Electronics
MAAMSS0014 MACOM-MAAMSS0014 Datasheet
240Kb / 5P
   Broadband Driver Amplifier 500 - 2400 MHz
logo
Fairchild Semiconductor
RMDA20420 FAIRCHILD-RMDA20420 Datasheet
819Kb / 12P
   20-42 GHz Broadband Driver Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0014 MA-COM-MAAMSS0014 Datasheet
143Kb / 6P
   Broadband Driver Amplifier 500 - 2400 MHz
logo
Mimix Broadband
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
   800-2700 MHz Broadband Driver Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Tyco Electronics
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
MAAM-007866-0P1R00 MA-COM-MAAM-007866-0P1R00 Datasheet
222Kb / 6P
   Broadband Driver Amplifier 50 to 3300 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com