Electronic Components Datasheet Search |
|
CC1206JRX7RSBN121 Datasheet(PDF) 9 Page - YAGEO Corporation |
|
CC1206JRX7RSBN121 Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 13 page High-Voltage NP0 /X7R 1 KV to 3 KV www.yageo.com Jan. 16, 2017 V.9 Surface-Mount Ceramic Multilayer Capacitors 9 13 Product specification SOLDERING RECOMMENDATION Table 7 SOLDERING METHOD SIZE 0402 0603 0805 1206 ≥ 1210 Reflow Reflow only ≥ 1.0 µF ≥ 2.2 µF ≥ 4.7 µF Reflow only Reflow/Wave --- < 1.0 µF < 2.2 µF < 4.7 µF --- TEST TEST METHOD PROCEDURE REQUIREMENTS Mounting IEC 60384- 21/22 4.3 The capacitors may be mounted on printed-circuit boards or ceramic substrates No visible damage Visual Inspection and Dimension Check 4.4 Any applicable method using × 10 magnification In accordance with specification Capacitance 4.5.1 Class 1: f = 1 MHz for C ≤ 1 nF, measuring at voltage 1 Vrms at 20 °C f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C Class 2: f = 1 KHz for C ≤ 10 µF, measuring at voltage 1 Vrms at 20 °C Within specified tolerance Dissipation Factor (D.F.) 4.5.2 Class 1: f = 1 MHz for C ≤ 1 nF , measuring at voltage 1 Vrms at 20 °C f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C Class 2: f = 1 KHz for C ≤ 10 µF, measuring at voltage 1 Vrms at 20 °C In accordance with specification Insulation Resistance 4.5.3 Ur ≤ 500 V: At Ur for 1 minute Ur > 500 V: At 500 V for 1 minute In accordance with specification TESTS AND REQUIREMENTS Table 8 Test procedures and requirements |
Similar Part No. - CC1206JRX7RSBN121 |
|
Similar Description - CC1206JRX7RSBN121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |