Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP444C Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP444C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP444C Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP444C Datasheet HTML 3Page - National Semiconductor (TI) COP444C Datasheet HTML 4Page - National Semiconductor (TI) COP444C Datasheet HTML 5Page - National Semiconductor (TI) COP444C Datasheet HTML 6Page - National Semiconductor (TI) COP444C Datasheet HTML 7Page - National Semiconductor (TI) COP444C Datasheet HTML 8Page - National Semiconductor (TI) COP444C Datasheet HTML 9Page - National Semiconductor (TI) COP444C Datasheet HTML 10Page - National Semiconductor (TI) COP444C Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Functional Description
The internal architecture is shown in
Figure 1 Data paths
are illustrated in simplified form to depict how the various
logic elements communicate with each other in implement-
ing the instruction set of the device Positive logic is used
When a bit is set it is a logic ‘‘1’’ when a bit is reset it is a
logic ‘‘0’’
For ease of reading only the COP424C425CCOP426C
444C445C are referenced however all such references
apply equally to COP324C325CCOP326C344C345C
PROGRAM MEMORY
Program Memory consists of ROM 1024 bytes for the
COP424C425C426C and 2048 bytes for the COP444C
445C These bytes of ROM may be program instructions
constants or ROM addressing data
ROM addressing is accomplished by a 11-bit PC register
which selects one of the 8-bit words contained in ROM A
new address is loaded into the PC register during each in-
struction cycle Unless the instruction is a transfer of control
instruction the PC register is loaded with the next sequen-
tial 11-bit binary count value
Three levels of subroutine nesting are implemented by a
three level deep stack Each subroutine call or interrupt
pushes the next PC address into the stack Each return
pops the stack back into the PC register
DATA MEMORY
Data memory consists of a 512-bit RAM for the COP444C
445C organized as 8 data registers of 16 c 4-bit digits
RAM addressing is implemented by a 7-bit B register whose
upper 3 bits (Br) select 1 of 8 data registers and lower 4 bits
(Bd) select 1 of 16 4-bit digits in the selected data register
Data memory consists of a 256-bit RAM for the COP424C
425C426C organized as 4 data registers of 16 c 4-bits
digits The B register is 6 bits long Upper 2 bits (Br) select 1
of 4 data registers and lower 4 bits (Bd) select 1 of 16 4-bit
digits in the selected data register While the 4-bit contents
of the selected RAM digit (M) are usually loaded into or
from or exchanged with the A register (accumulator) it
may also be loaded into or from the Q latches or T counter
or loaded from the L ports RAM addressing may also be
performed directly by the LDD and XAD instructions based
upon the immediate operand field of these instructions
The Bd register also serves as a source register for 4-bit
data sent directly to the D outputs
INTERNAL LOGIC
The processor contains its own 4-bit A register (accumula-
tor) which is the source and destination register for most IO
arithmetic logic and data memory access operations It can
also be used to load the Br and Bd portions of the B regis-
ter to load and input 4 bits of the 8-bit Q latch or T counter
to input 4 bits of L IO ports data to input 4-bit G or IN
ports and to perform data exchanges with the SIO register
A 4-bit adder performs the arithmetic and logic functions
storing the results in A It also outputs a carry bit to the 1-bit
C register most often employed to indicate arithmetic over-
flow The C register in conjunction with the XAS instruction
and the EN register also serves to control the SK output
The 8-bit T counter is a binary up counter which can be
loaded to and from M and A using CAMT and CTMA instruc-
tions When the T counter overflows an overflow flag will be
set (see SKT and IT instructions below) The T counter is
cleared on reset A functional block diagram of the timer
counter is illustrated in
Figure 10a
Four general-purpose inputs IN3-IN0 are provided IN1
IN2 and IN3 may be selected by a mask-programmable op-
tion as Read Strobe Chip Select and Write Strobe inputs
respectively for use in Microbus application
The D register provides 4 general-purpose outputs and is
used as the destination register for the 4-bit contents of Bd
In the dual clock mode D0 latch controls the clock selection
(see dual oscillator below)
The G register contents are outputs to a 4-bit general-pur-
pose bidirectional IO port G0 may be mask-programmed
as an output for Microbus applications
The Q register is an internal latched 8-bit register used to
hold data loaded to or from M and A as well as 8-bit data
from ROM Its contents are outputted to the L IO ports
when the L drivers are enabled under program control With
the Microbus option selected Q can also be loaded with the
8-bit contents of the L IO ports upon the occurrence of a
write strobe from the host CPU
The 8 L drivers when enabled output the contents of
latched Q data to the L IO port Also the contents of L may
be read directly into A and M As explained above the
Microbus option allows L IO port data to be latched into the
Q register
7


Similar Part No. - COP444C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP444L NSC-COP444L Datasheet
936Kb / 24P
   SINGLE-CHIP N-CHANNEL MICROCONTROLLERS
COP444L-XXX/N NSC-COP444L-XXX/N Datasheet
936Kb / 24P
   SINGLE-CHIP N-CHANNEL MICROCONTROLLERS
More results

Similar Description - COP444C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com