Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP344C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP344C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP344C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP344C Datasheet HTML 7Page - National Semiconductor (TI) COP344C Datasheet HTML 8Page - National Semiconductor (TI) COP344C Datasheet HTML 9Page - National Semiconductor (TI) COP344C Datasheet HTML 10Page - National Semiconductor (TI) COP344C Datasheet HTML 11Page - National Semiconductor (TI) COP344C Datasheet HTML 12Page - National Semiconductor (TI) COP344C Datasheet HTML 13Page - National Semiconductor (TI) COP344C Datasheet HTML 14Page - National Semiconductor (TI) COP344C Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Functional Description (Continued)
The HALT mode is the minimum power dissipation state
Note If the user has selected dual-clock with D0 as external
oscillator (option 30e2) AND the COP444C424C is
running with the D0 clock the HALT mode
either
hardware or software
will NOT be entered Thus
the user should switch to the CKI clock to HALT Al-
ternatively the user may stop the D0 clock to mini-
mize power
CKO PIN OPTIONS
a Two-pin oscillator
(Crystal) See
Figure 9A
In a crystal controlled oscillator system CKO is used as
an output to the crystal network The HALT mode may be
entered by program control (HALT instruction) which
forces CKO high thus inhibiting the crystal network The
circuit can be awakened only by forcing the RESET pin to
a logic ‘‘0’’ (restart)
b One-pin oscillator
(RC or external) See
Figure 9B
If a one-pin oscillator system is chosen two options are
available for CKO
 CKO can be selected as the HALT IO port In that
case it is an IO flip-flop which is an indicator of the
HALT status An external signal can over-ride this pin
to start and stop the chip By forcing a high level to
CKO the chip will stop as soon as CKI is high and
CKO output will stay high to keep the chip stopped if
the external driver returns to high impedance state
By forcing a low level to CKO the chip will continue
and CKO will stay low
 As another option CKO can be a general purpose in-
put read into bit 2 of A (accumulator) upon execution
of an INIL instruction
OSCILLATOR OPTIONS
There are four basic clock oscillator configurations available
as shown by
Figure 8
a Crystal Controlled Oscillator CKI and CKO are connect-
ed to an external crystal The instruction cycle time equals
the crystal frequency optionally divided by 4 8 or 16
b External Oscillator The external frequency is optionally
divided by 4 8 or 16 to give the instruction cycle time
CKO is the HALT IO port or a general purpose input
c RC Controlled Oscillator CKI is configured as a single pin
RC controlled Schmitt trigger oscillator The instruction
cycle equals the oscillation frequency divided by 4 CKO
is the HALT IO port or a general purpose input
d Dual oscillator By selecting the dual clock option pin D0
is now a single pin oscillator input Two configurations are
available RC controlled Schmitt trigger oscillator or exter-
nal oscillator
The user may software select between the D0 oscillator
(in that case the instruction cycle time equals the D0
oscillation frequency divided by 4) by setting the D0 latch
high or the CKI (CKO) oscillator by resetting D0 latch low
Note that even in dual clock mode the counter if mask-
programmed as a time-base counter is always connect-
ed to the CKI oscillator
For example the user may connect up to a 1 MHz RC
circuit to D0 for faster processing and a 32 kHz watch
crystal to CKI and CKO for minimum current drain and
time keeping
Note CTMA instruction is not allowed when chip is running
from D0 clock
Figures 10A and 10B show the clock and timer diagrams
with and without Dual clock
COP445C AND COP425C 24-PIN PACKAGE OPTION
If the COP444C424C is bonded in a 24-pin package it be-
comes the COP445C425C illustrated in
Figure 2 Connec-
tion diagrams Note that the COP445C425C does not con-
tain the four general purpose IN inputs (IN3 – IN0) Use of
this option precludes of course use of the IN options in-
terrupt feature external event counter feature and the
Microbus option which uses IN1 – IN3 All other options are
available for the COP445C425C
Note If user selects the 24-pin package options 9 10 19
and 20 must be selected as a ‘‘0’’ (load to VCC on the
IN inputs) See option list
COP426C 20-PIN PACKAGE OPTION
If the COP425C is bonded as 20-pin device it becomes the
COP426C
Note that the COP426C contains all the
COP425C pins except D0 D1 G0 and G1
Block Diagram (Continued)
TLDD5259 – 10
FIGURE 9A Halt Mode
Two-Pin Oscillator
11


Similar Part No. - COP344C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP344L NSC-COP344L Datasheet
936Kb / 24P
   SINGLE-CHIP N-CHANNEL MICROCONTROLLERS
COP344L-XXX/N NSC-COP344L-XXX/N Datasheet
936Kb / 24P
   SINGLE-CHIP N-CHANNEL MICROCONTROLLERS
More results

Similar Description - COP344C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com