Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1416N50100AHF Datasheet(PDF) 3 Page - Anaren Microwave

Part # BD1416N50100AHF
Description  Ultra Low Profile 0404 Balun
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD1416N50100AHF Datasheet(HTML) 3 Page - Anaren Microwave

  BD1416N50100AHF Datasheet HTML 1Page - Anaren Microwave BD1416N50100AHF Datasheet HTML 2Page - Anaren Microwave BD1416N50100AHF Datasheet HTML 3Page - Anaren Microwave BD1416N50100AHF Datasheet HTML 4Page - Anaren Microwave BD1416N50100AHF Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Visit us at
www.Anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD1416N50100AHF
Rev B
Wide Band Performance: 10 MHz. to 8010 MHz.
Insertion Loss
-3.6
-3.2
-2.9
-2.5
-2.2
-1.8
-1.4
-1.1
-0.7
-0.4
0.0
Frequency [MHz]
Return Loss-Input
-36
-32
-29
-25
-22
-18
-14
-11
-7
-4
0
Frequency [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
CMRR
-36
-32.4
-28.8
-25.2
-21.6
-18
-14.4
-10.8
-7.2
-3.6
0
Frequency [MHz]


Similar Part No. - BD1416N50100AHF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD141 ISC-BD141 Datasheet
203Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BD1416N50100AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425N5075AHF ANAREN-BD2425N5075AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD4859N5050AHF ANAREN-BD4859N5050AHF_14 Datasheet
293Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD4859N50100A00 ANAREN-BD4859N50100A00_14 Datasheet
385Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50200AHF ANAREN-BD2425N50200AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 200 Balanced
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com