Electronic Components Datasheet Search |
|
1210100VA104G4Z2A Datasheet(PDF) 4 Page - AVX Corporation |
|
1210100VA104G4Z2A Datasheet(HTML) 4 Page - AVX Corporation |
4 / 5 page 61 012517 Automotive MLCC - X7R Capacitance Range Letter AC EG J K M N P Q XY Z Max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED 0402 0603 0805 1206 1210 1812 2220 Soldering Reflow/Wave Reflow/Wave Reflow/Wave Reflow/Wave Reflow Only Reflow Only Reflow Only 16V 25V 50V 10V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V 200V 250V 500V 16V 25V 50V 100V 50V 100V 25V 50V 100V 221 Cap 220 C C C 271 (pF) 270 C C C 331 330 C C C 391 390 C C C 471 470 C C C 561 560 C C C 681 680 C C C 821 820 C C C 102 1000 C C C G GGGGG JJJJJJJJJJJJJ KKKKKK 182 1800 C C C G GGGGG JJJJJJJJJJJJJ KKKKKK 222 2200 C C C G GGGGG JJJJJJJJJJJJJ KKKKKK 332 3300 C C C G GGGGG JJJJJJJJJJJJJ KKKKKK 472 4700 C C C G GGGGG JJJJJJJJJJJJJ KKKKKK 103 Cap 0.01 C G GGGGG JJJJJJJJJJJJJ KKKKKK 123 (μF) 0.012 C G G G J J J M JJJJJJJJ KKKKKK 153 0.015 C G G G J J J M JJJJJJJJ KKKKKK 183 0.018 C G G G J J J M JJJJJJJJ KKKKKK 223 0.022 C G G G J J J M JJJJJJJJ KKKKKK 273 0.027 C G G G J J J M JJJJJJJJ KKKKKK 333 0.033 C G G G J J J M JJJJJJJJ KKKKKK 473 0.047 G G G J J J M JJJJJ M J J KKKKKK 563 0.056 G G G J J J M J J J M J J K K K M K K 683 0.068 G G G J J J M J J J M J J K K K M K K 823 0.082 G G G J J J M J J J M J J K K K M K K 104 0.01 G G G J J M M J J J M J J K K K M K K 124 0.12 JJ M N JJ M M K K K P K K 154 0.15 MNMN J J M M K K K P K K 224 0.22 G MNMN J M M Q M M M P M M 334 0.33 N NMN J M P Q P P P Q X X 474 0.47 N NMN M M P Q P P P Q X X 684 0.68 NNN M Q Q Q P P Q X X X 105 1 NNN M Q Q Q P Q Q X X X 155 1.5 Q Q Q P Q ZZXX 225 2.2 Q Q Q XZZZZZ 335 3.3 Q Q XZZZZ 475 4.7 Q Q XZZZZ Z 106 10 ZZ Z Z 226 22 Z 16V 25V 50V 10V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V 200V 250V 16V 25V 50V 100V 200V 250V 500V 16V 25V 50V 100V 50V 100V 25V 50V 100V 0402 0603 0805 1206 1210 1812 2220 |
Similar Part No. - 1210100VA104G4Z2A |
|
Similar Description - 1210100VA104G4Z2A |