Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121025VF104G4Z2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 121025VF104G4Z2A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

121025VF104G4Z2A Datasheet(HTML) 4 Page - AVX Corporation

  121025VF104G4Z2A Datasheet HTML 1Page - AVX Corporation 121025VF104G4Z2A Datasheet HTML 2Page - AVX Corporation 121025VF104G4Z2A Datasheet HTML 3Page - AVX Corporation 121025VF104G4Z2A Datasheet HTML 4Page - AVX Corporation 121025VF104G4Z2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
61
012517
Automotive MLCC - X7R
Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
0402
0603
0805
1206
1210
1812
2220
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
16V
25V
50V
10V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V 500V
16V
25V
50V
100V
50V
100V
25V
50V 100V
221 Cap 220
C
C
C
271 (pF)
270
C
C
C
331
330
C
C
C
391
390
C
C
C
471
470
C
C
C
561
560
C
C
C
681
680
C
C
C
821
820
C
C
C
102
1000
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
182
1800
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
222
2200
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
332
3300
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
472
4700
C
C
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
103 Cap 0.01
C
G
GGGGG
JJJJJJJJJJJJJ
KKKKKK
123 (μF) 0.012
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
153
0.015
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
183
0.018
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
223
0.022
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
273
0.027
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
333
0.033
C
G
G
G
J
J
J
M
JJJJJJJJ
KKKKKK
473
0.047
G
G
G
J
J
J
M
JJJJJ
M
J
J
KKKKKK
563
0.056
G
G
G
J
J
J
M
J
J
J
M
J
J
K
K
K
M
K
K
683
0.068
G
G
G
J
J
J
M
J
J
J
M
J
J
K
K
K
M
K
K
823
0.082
G
G
G
J
J
J
M
J
J
J
M
J
J
K
K
K
M
K
K
104
0.01
G
G
G
J
J
M
M
J
J
J
M
J
J
K
K
K
M
K
K
124
0.12
JJ
M
N
JJ
M
M
K
K
K
P
K
K
154
0.15
MNMN
J
J
M
M
K
K
K
P
K
K
224
0.22
G
MNMN
J
M
M
Q
M
M
M
P
M
M
334
0.33
N
NMN
J
M
P
Q
P
P
P
Q
X
X
474
0.47
N
NMN
M
M
P
Q
P
P
P
Q
X
X
684
0.68
NNN
M
Q
Q
Q
P
P
Q
X
X
X
105
1
NNN
M
Q
Q
Q
P
Q
Q
X
X
X
155
1.5
Q
Q
Q
P
Q
ZZXX
225
2.2
Q
Q
Q
XZZZZZ
335
3.3
Q
Q
XZZZZ
475
4.7
Q
Q
XZZZZ
Z
106
10
ZZ
Z
Z
226
22
Z
16V
25V
50V
10V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V
16V
25V
50V
100V 200V 250V 500V
16V
25V
50V
100V
50V
100V
25V
50V 100V
0402
0603
0805
1206
1210
1812
2220


Similar Part No. - 121025VF104G4Z2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1210250000 ETC2-1210250000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 121025VF104G4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com