Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX69 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BCX69
Description  PNP Silicon AF Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCX69 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BCX69 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCX69 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCX69 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCX69 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
PNP Silicon AF Transistors
BCX69
E068
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA IE=0
-25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-30mA IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1μA IC=0
-5
μV
Collector cut-off current
ICBO
VCB=-25V IE=0
VCB=-25V IE=0,TA=150℃
-100
-100
nA
μA
VCE=-10V IC=-5mA
50
VCE=-1V IC=-500mA BCX69
BCX69-10
BCX69-16
BCX69-25
85
85
100
160
375
160
250
375
DC current gain
hFE
VCE=-1V IC=-1A
60
Collector-emitter saturation voltage
VCE(sat)
IC=-1A IB=-100mA
-0.5
V
Base-emitter voltage
VBE
IC=-1A ,VCE=-1V
-1
V
Transition frequency
fT
VCE=-5V, IC=-100mA,
f=20MHz
100
MHz
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - BCX69

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX69 ZETEX-BCX69 Datasheet
16Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Guangdong Kexin Industr...
BCX69 KEXIN-BCX69 Datasheet
38Kb / 2P
   PNP Silicon AF Transistors
logo
Shenzhen Jin Yu Semicon...
BCX69 HTSEMI-BCX69 Datasheet
416Kb / 2P
   TRANSISTOR (PNP)
More results

Similar Description - BCX69

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com