Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121016VF104K4Z4A Datasheet(PDF) 2 Page - AVX Corporation

Part # 121016VF104K4Z4A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

121016VF104K4Z4A Datasheet(HTML) 2 Page - AVX Corporation

  121016VF104K4Z4A Datasheet HTML 1Page - AVX Corporation 121016VF104K4Z4A Datasheet HTML 2Page - AVX Corporation 121016VF104K4Z4A Datasheet HTML 3Page - AVX Corporation 121016VF104K4Z4A Datasheet HTML 4Page - AVX Corporation 121016VF104K4Z4A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
59
012517
FLEXITERM® FEATURES
Automotive MLCC
NP0/X7R Dielectric
a) Bend Test
The capacitor is soldered to the PC Board as shown:
Typical bend test results are shown below:
Style
Conventional Term
Soft Term
0603
>2mm
>5
0805
>2mm
>5
1206
>2mm
>5
b) Temperature Cycle testing
FLEXITERM® has the ability to withstand at least 1000
cycles between –55°C and +125°C
1mm/sec
90 mm


Similar Part No. - 121016VF104K4Z4A

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
12101.0-00 STEGO-12101.0-00 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
12101.0-30 STEGO-12101.0-30 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
logo
Frontier Electronics.
1210100 FRONTIER-1210100 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
1210100-LFR FRONTIER-1210100-LFR Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
1210101 FRONTIER-1210101 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
More results

Similar Description - 121016VF104K4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com