Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7516IY-T7 Datasheet(PDF) 1 Page - International Rectifier

Part # EL7516IY-T7
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EL7516IY-T7 Datasheet(HTML) 1 Page - International Rectifier

  EL7516IY-T7 Datasheet HTML 1Page - International Rectifier EL7516IY-T7 Datasheet HTML 2Page - International Rectifier EL7516IY-T7 Datasheet HTML 3Page - International Rectifier EL7516IY-T7 Datasheet HTML 4Page - International Rectifier EL7516IY-T7 Datasheet HTML 5Page - International Rectifier EL7516IY-T7 Datasheet HTML 6Page - International Rectifier EL7516IY-T7 Datasheet HTML 7Page - International Rectifier EL7516IY-T7 Datasheet HTML 8Page - International Rectifier EL7516IY-T7 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7333.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL7516
600kHz/1.2MHz PWM Step-Up Regulator
The EL7516 is a high frequency, high efficiency step-up
voltage regulator operated at constant frequency PWM
mode. With an internal 1.5A, 200m
Ω MOSFET, it can deliver
up to 600mA output current at over 90% efficiency. The
selectable 600kHz and 1.2MHz allows smaller inductors and
faster transient response. An external compensation pin
gives the user greater flexibility in setting frequency
compensation allowing the use of low ESR Ceramic output
capacitors.
When shut down, it draws < 10µA of current and can operate
down to 2.5V input supply. These features along with
1.2MHz switching frequency makes it an ideal device for
portable equipment and TFT-LCD displays.
The EL7516 is available in an 8-pin MSOP package with a
maximum height of 1.1mm. The device is specified for
operation over the full -40°C to +85°C temperature range.
Pinout
EL7516
(8-PIN MSOP)
TOP VIEW
Features
• > 90% efficiency
• 1.6A, 200m
Ω power MOSFET
•VIN > 2.5V
• 600kHz/1.2MHz switching frequency selection
• Adjustable soft-start
• Internal thermal protection
• 1.1mm max height 8-pin MSOP package
• Pb-free available (RoHS compliant)
Applications
• TFT-LCD displays
• DSL modems
• PCMCIA cards
• Digital cameras
• GSM/CDMA phones
• Portable equipment
• Handheld devices
FB
FSEL
SHDN
VDD
GND
LX
COMP
SS
1
2
3
4
8
7
6
5
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL7516IY
8-Pin MSOP
-
MDP0043
EL7516IY-T7
8-Pin MSOP
7”
MDP0043
EL7516IY-T13
8-Pin MSOP
13”
MDP0043
EL7516IYZ
(See Note)
8-Pin MSOP
(Pb-Free)
-
MDP0043
EL7516IYZ-T7
(See Note)
8-Pin MSOP
(Pb-Free)
7”
MDP0043
EL7516IYZ-T13
(See Note)
8-Pin MSOP
(Pb-Free)
13”
MDP0043
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Data Sheet
October 27, 2004


Similar Part No. - EL7516IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY-T7 INTERSIL-EL7516IY-T7 Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516IY-T7 RENESAS-EL7516IY-T7 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com