Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AC-AT
Description  Cemented Leaded Wirewound Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC-AT Datasheet(HTML) 1 Page - Vishay Siliconix

  AC-AT Datasheet HTML 1Page - Vishay Siliconix AC-AT Datasheet HTML 2Page - Vishay Siliconix AC-AT Datasheet HTML 3Page - Vishay Siliconix AC-AT Datasheet HTML 4Page - Vishay Siliconix AC-AT Datasheet HTML 5Page - Vishay Siliconix AC-AT Datasheet HTML 6Page - Vishay Siliconix AC-AT Datasheet HTML 7Page - Vishay Siliconix AC-AT Datasheet HTML 8Page - Vishay Siliconix AC-AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AC, AC-AT
www.vishay.com
Vishay Draloric
Revision: 14-Mar-17
1
Document Number: 28730
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Cemented Leaded Wirewound Resistors
The AC series is the perfect choice for general purpose
power applications. The AEC-Q200 qualified AC-AT series
is best suited for automotive applications. The robust silicon
cement coating can handle challenging ambient and
operating conditions. Typical applications include but are
not
limited
to
energy
meters,
power
supplies
and
automotive
electronics.
For
a
given
application,
requirements of ohmic value, rated power, peak voltage,
pulse
shape,
pulse
duration,
lead
bending,
and
environmental conditions may be submitted to recommend
the most suitable product.
Various lead forms are available such as RT (radial taped),
WSZ (Z-form), DK (double kink), EK (single kink) with defined
mounting pitch.
FEATURES
• AEC-Q200 qualified AC-AT series
• High power dissipation in small design
• Non-flammable
coating
conforming
to
UL 94 V-0
• Excellent pulse load capability
• Non-inductive (NI) version available
• WSZ-form lead bending available for SMD mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive electronics
• Industrial electronics
• Power supplies
• White goods
• Pre-charged applications
Notes
• The operating temperature range for these resistors is from -55 °C up to 250 °C
(1) Resistance value to be selected for ± 5 % from E24
(2) AC03 WSZ: P40 °C = 1.8 W; P70 °C = 1.5 W
(3) AEC-Q200 qualification is in progress
STANDARD ELECTRICAL SPECIFICATIONS
TYPE
RATED
DISSIPATION
P40
RATED
DISSIPATION
P70
LIMITING
VOLTAGE
Umax.
RESISTANCE
RANGE (1)
TCR =
-10 ppm/K to
-80 ppm/K
RESISTANCE
RANGE (1)
TCR =
+100 ppm/K to
+180 ppm/K
RESISTANCE
RANGE (1)
TCR =
± 100 ppm/K
RESISTANCE
TOLERANCE
AC01, AC01-AT (3)
1 W
0.9 W
0.10
 to 33 
36
 to 2.4 k
-± 5 %
AC03, AC03-AT (2)
3 W
2.5 W
0.10
 to 390  430  to 3.3 k 3.6 k to 5.1 k
± 5 %
AC04, AC04-AT (3)
4 W
3.5 W
0.10
 to 620  680  to 6.8 k
-± 5 %
AC05, AC05-AT (3)
5 W
4.7 W
0.10
 to 910  1.0 k to 10 k
-± 5 %
AC07, AC07-AT
7 W
5.8 W
0.10
 to 1.5 k 1.6 k to 15 k
-± 5 %
AC10, AC10-AT
10 W
8.4 W
0.22
 to 560  620  to 27 k
-± 5 %
P x R
P x R
P x R
P x R
P x R
P x R


Similar Part No. - AC-AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC-AT VISHAY-AC-AT Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
More results

Similar Description - AC-AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
Z300-C00 VISHAY-Z300-C00 Datasheet
144Kb / 7P
   Commercial Axial Cemented Leaded Wirewound Resistors
Z300 VISHAY-Z300 Datasheet
144Kb / 7P
   Commercial Axial Cemented Leaded Wirewound Resistors
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01-CS VISHAY-AC01-CS_18 Datasheet
170Kb / 9P
   Axial Cemented Fusible Leaded Wirewound Safety Resistors
Revision: 11-Jul-2018
Z300-CXX VISHAY-Z300-CXX Datasheet
153Kb / 7P
   High Surge Axial Cemented Leaded Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com