Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97256E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 97256E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97256E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  97256E3 Datasheet HTML 1Page - Vishay Siliconix 97256E3 Datasheet HTML 2Page - Vishay Siliconix 97256E3 Datasheet HTML 3Page - Vishay Siliconix 97256E3 Datasheet HTML 4Page - Vishay Siliconix 97256E3 Datasheet HTML 5Page - Vishay Siliconix 97256E3 Datasheet HTML 6Page - Vishay Siliconix 97256E3 Datasheet HTML 7Page - Vishay Siliconix 97256E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
180 CPS
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
2
Document Number: 28415
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
2.5
4.0
6.3
10
16
20
25
35
22



6.6 x 6.6 x 5.9
39


5.3 x 5.3 x 5.7
--
-
6.6 x 6.6 x 5.9
56



6.6 x 6.6 x 5.9
-
68

5.3 x 5.3 x 5.7 6.6 x 6.6 x 5.9
-
-
-
82



8.4 x 8.4 x 12
100


6.6 x 6.6 x 5.9
-
-
-
120

5.3 x 5.3 x 5.7 6.6 x 6.6 x 5.9
6.6 x 6.6 x 5.9
10.4 x 10.4 x
12.6
150
5.3 x 5.3 x 5.7
6.6 x 6.6 x 7.7 8.4 x 8.4 x 6.7
-
-
-
180
5.3 x 5.3 x 5.7


8.4 x 8.4 x 12
-
220

6.6 x 6.6 x 5.9
10.4 x 10.4 x
7.7
--
-
270
6.6 x 6.6 x 5.9

8.4 x 8.4 x 12
-
-
-
330
6.6 x 6.6 x 5.9
6.6 x 6.6 x 5.9
10.4 x 10.4 x
12.6
10.4 x 10.4 x
12.6
-
6.6 x 6.6 x 7.7
390
6.6 x 6.6 x 5.9 6.6 x 6.6 x 7.7 8.4 x 8.4 x 6.7

8.4 x 8.4 x 12
-
-
470

10.4 x 10.4 x
7.7
10.4 x 10.4 x
12.6
--
-
560
6.6 x 6.6 x 5.9 8.4 x 8.4 x 6.7

10.4 x 10.4 x
12.6
--
6.6 x 6.6 x 7.7 8.4 x 8.4 x 12
680
8.4 x 8.4 x 6.7
-
-
-
-
-
-
-
820
8.4 x 8.4 x 12
8.4 x 8.4 x 12
10.4 x 10.4 x
12.6
--
-
10.4 x 10.4 x
7.7
1000
10.4 x 10.4 x
7.7
---
--
-
1200
10.4 x 10.4 x
7.7
8.4 x 8.4 x 12
-
-
-
-
-
-
1500
8.4 x 8.4 x 12
8.4 x 8.4 x 12
10.4 x 10.4 x
12.6
--
--
-
2200
10.4 x 10.4 x
12.6
---
--
-
2700
10.4 x 10.4 x
12.6
-
---
--
-
2-pin:
W
MAX.
S
L
MAX.
B
Negative
polarity
H
MAX.
MAX. 0.3
D
≤ Ø 6.6 mm
L1
MAX.
2-pin:
W
MAX.
S
L
MAX.
B
H
MAX.
MAX. 0.3
D
≥ Ø 8.4 mm
L1
MAX.
Negative
polarity


Similar Part No. - 97256E3

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
9725 ASM-SENSOR-9725 Datasheet
176Kb / 1P
   Mit Hilfe dieser Software k철nnen Sie die Datenanalyse direkt an Ihrem Windows-PC durchf체hren
logo
3M Electronics
9725 3M-9725 Datasheet
147Kb / 4P
   3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
2009
More results

Similar Description - 97256E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
181CPL VISHAY-181CPL Datasheet
106Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com