Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97201E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 97201E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97201E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  97201E3 Datasheet HTML 1Page - Vishay Siliconix 97201E3 Datasheet HTML 2Page - Vishay Siliconix 97201E3 Datasheet HTML 3Page - Vishay Siliconix 97201E3 Datasheet HTML 4Page - Vishay Siliconix 97201E3 Datasheet HTML 5Page - Vishay Siliconix 97201E3 Datasheet HTML 6Page - Vishay Siliconix 97201E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
6
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
USEFUL LIFE AND ENDURANCE
Table 7
Endurance can be calculated by formula below:
Lr: estimated lifetime (h)
L0: base lifetime specified at maximum operating temperature with applied the DC voltage (h)
T0: rated maximum operating temperature (°C)
Tr: actual ambient temperature (°C)
Table 8
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16; TA  105 °C
Urev  1 V
ENDURANCE TEST AND USEFUL LIFE
SERIES
CASE CODE
USEFUL LIFE
AT 105 °C (h)
ENDURANCE
AT 105 °C (h)
ENDURANCE
AT 85 °C (h)
181 CPL
0606 to 1013
5000
5000
50 000
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
Shall be performed prior to tests mentioned below;
reflow soldering;
for maximum temperature load
refer to chapter “Mounting”
C/C: ± 5 %
tan
  spec. limit
IL2  spec. limit
Endurance
IEC 60384-18 /
CECC 32300,
subclause 4.15
Tamb = 105 °C; UR applied;
for test duration see Table 7
C/C: ± 20 %
tan
  2 x spec. limit
IL2  spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
for test duration see Table 7
C/C: ± 20 %
tan
  2 x spec. limit
IL2  spec. limit
Shelf life
(storage at high
temperature)
IEC 60384-18 /
CECC 32300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 h
after test: UR to be applied for 30 min,
24 h to 48 h before measurement
For requirements
see “Endurance test” above
L
r = L0 x 10
T
0 - Tr
20
-----------------


Similar Part No. - 97201E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
97201E3 VISHAY-97201E3 Datasheet
123Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
More results

Similar Description - 97201E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
180CPS VISHAY-180CPS Datasheet
123Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com