Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97602E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 97602E3
Description  Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97602E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  97602E3 Datasheet HTML 1Page - Vishay Siliconix 97602E3 Datasheet HTML 2Page - Vishay Siliconix 97602E3 Datasheet HTML 3Page - Vishay Siliconix 97602E3 Datasheet HTML 4Page - Vishay Siliconix 97602E3 Datasheet HTML 5Page - Vishay Siliconix 97602E3 Datasheet HTML 6Page - Vishay Siliconix 97602E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
181 CPL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
4
Document Number: 28417
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
ADVANCED SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
Fig. 4 - Maximum temperature load during reflow soldering
Table 4
Note
• Temperature measuring point on top of the case and on terminals.
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
0606
1.9
3.5
1.6
0807
3.0
3.5
2.5
0812
3.0
3.5
2.5
1008
4.0
4.0
2.5
1013
4.0
4.0
2.5
REFLOW SOLDERING CONDITIONS for MAL2181xxxxxE3
PROFILE FEATURES
CASE CODE
0606 TO 1013
Max. time from 25 °C to TPeak
300 s
Max. ramp-up rate to 150 °C
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
Max. time from 190 °C to 200 °C (t2)
110 s
Ramp up rate from 200 °C to TPeak
0.5 K/s to 3 K/s
Max. time above TLiquidus (217 °C) (t3)90 s
Max. time above 230 °C (t4)
70 s
Peak temperature TPeak
260 °C
Max. time above TPeak minus 5 °C
40 s
Ramp-down rate from TLiquidus
3 K/s to 6 K/s
t
1
200
190
150
25
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4


Similar Part No. - 97602E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
97602E3 VISHAY-97602E3 Datasheet
123Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
More results

Similar Description - 97602E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL218197701E3 VISHAY-MAL218197701E3 Datasheet
101Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
185CPNZ VISHAY-185CPNZ Datasheet
106Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
181CPL VISHAY-181CPL_15 Datasheet
94Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
MAL218097506E3 VISHAY-MAL218097506E3 Datasheet
105Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
184CPNS VISHAY-184CPNS Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
180CPS VISHAY-180CPS_V01 Datasheet
110Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
180CPS VISHAY-180CPS_15 Datasheet
98Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 20-May-15
180CPS VISHAY-180CPS Datasheet
123Kb / 8P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
Revision: 15-Jul-16
181CPL VISHAY-181CPL_V01 Datasheet
104Kb / 7P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
184CPNS VISHAY-184CPNS_V01 Datasheet
115Kb / 10P
   Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com