Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5300IU Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5300IU
Description  200MHz Slew Enhanced VFA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5300IU Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5300IU Datasheet HTML 3Page - Intersil Corporation EL5300IU Datasheet HTML 4Page - Intersil Corporation EL5300IU Datasheet HTML 5Page - Intersil Corporation EL5300IU Datasheet HTML 6Page - Intersil Corporation EL5300IU Datasheet HTML 7Page - Intersil Corporation EL5300IU Datasheet HTML 8Page - Intersil Corporation EL5300IU Datasheet HTML 9Page - Intersil Corporation EL5300IU Datasheet HTML 10Page - Intersil Corporation EL5300IU Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN7330.1
Application Information
Video Amplifier with Reduced Size Output
Capacitance
If you have a video line driver Z = 75
Ω, the DC decoupling
capacitor could be relatively large.
=
f = 10Hz, R = Z = 75
Ω,
C = 132µF
By using the circuit below, C could be reduced to C2 = 22µF.
FIGURE 30. VIDEO-
The test result is shown on Figure 30.
By selecting a different value for C1, we could reduce the
effect, created by C3 R3 and get flat response from 16Hz
with an 1/5 value, price and size output capacitor. There is
another, very important issue by using high bandwidth
amplifiers.
In the past when the bandwidth of the operational amplifier
ended at a few hundred kHz even at few MHz, the power-
supply bypass was not a very critical issue, since a 0.1µF
capacitor “did the job”, but today’s amplifiers could have
bandwidth, what used to be reserved for microwave circuits
not to long time ago.
Therefore that high bandwidth amplifiers require the same
respect what we reserve for microwave circuits. Particularly
the power supply bypass and the pcb-layout could very
heavily influence the performance of a modern high
bandwidth amplifiers. It could happen above a few MHz, but
it will happen above 100MHz, that the capacitor will behave
like an inductor.
f
R
2
1
C
×
×
=
π
FIGURE 29.
3
2
6
-
+
U1
EL5104
R1
20K
R2
20K
R3
10k
R4
75
R5
500
R6
500
C2
22
µF
C3
1.5µF
R7
75
C1
C
C4
1n
C5
22
µF
R8
3R3
C6
33nF
Z = 75
Vs+
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
1.00E+00
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
FREQUENCY (Hz)
Conditions/comments:
(1) C1 = 1
µF Vs = +10V
(2) C1 = 0.47
µF Vs = +10V
(3) C1 = 0.47
µF Vs = +5V
EL5100, EL5101, EL5300


Similar Part No. - EL5300IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300IU INTERSIL-EL5300IU Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
EL5300IU INTERSIL-EL5300IU Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5300IU RENESAS-EL5300IU Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com