Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5300IU Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5300IU
Description  200MHz Slew Enhanced VFA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5300IU Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5300IU Datasheet HTML 3Page - Intersil Corporation EL5300IU Datasheet HTML 4Page - Intersil Corporation EL5300IU Datasheet HTML 5Page - Intersil Corporation EL5300IU Datasheet HTML 6Page - Intersil Corporation EL5300IU Datasheet HTML 7Page - Intersil Corporation EL5300IU Datasheet HTML 8Page - Intersil Corporation EL5300IU Datasheet HTML 9Page - Intersil Corporation EL5300IU Datasheet HTML 10Page - Intersil Corporation EL5300IU Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7330.1
The reason for that is the very small but not zero value serial
inductance of the capacitor.
The capacitor will behave as a capacitor up to its resonance
frequency, above the resonance frequency it will behave as
an inductor.
Just 1nHy inductance serial with 1nF capacitance will have
serial resonance at:
C = 1nF, L = 1nHy, F = 159 MHz
And an other 1nHy is very easy to get together with the
inductance of traces on the pcb, and therefore you could
encounter resonances from ca 50MHz and above anywhere.
So if the amplifier has a bandwidth of a few hundred MHz,
the proper power supply by-pass could become a serious if
not difficult task.
Intuitively, you would use capacitors value 0.1µF parallel
with a few µF tantalum, and to cure the effect of it’s serial
resonance put a smaller one parallel to it.
The result will surprise to you, because you will get even
something worse than without the small capacitor.
What is happening there? Just look what we get:
Above its serial resonance C2* the ideal capacitance of C2 is
a short, the Tantalum capacitor for high frequencies is not
effective, the left over is C1 capacitor and L1 + L2 inductors,
we get a parallel tank circuit, which is at it’s resonance a high
impedance path and do not carry any high frequency
current, it does not work as bypass at all!
The impedance of a parallel tank circuit at resonance is
dependent from it’s Q. High Q high impedance.
The Q of a parallel tank circuit could be reduced by
bypassing it with a resistor, or adding a resistor in serial to
one of the reactive components. Since the bypassing would
short the DC supply we do have to go to add resistor in serial
to the reactive component, we will ad a resistor serial with
the inductor. (See Figure 33.)
The final power supply bypass circuit will look:
FIGURE 31.
Ci
Li
Z
F
F RES
C
L
2
1
F
×
π
=
C1
1n
C3
22
µF
C2
0.1
µF
L2
L1
C1
1n
C3
22
µF
C2
0.1
µF
=
<
FIGURE 32.
C3
0.1
µF
L3
C1
Z
F
F RES
R3 = 3
R3 = 0
R3
2 to 3
FIGURE 33.
C1
1n
C11
22
µF
R10
3R3
C12
33nF
Vs+
FIGURE 34.
EL5100, EL5101, EL5300


Similar Part No. - EL5300IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300IU INTERSIL-EL5300IU Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
EL5300IU INTERSIL-EL5300IU Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5300IU RENESAS-EL5300IU Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
EL5300IU-T13 INTERSIL-EL5300IU-T13 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com