Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5205IY Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5205IY
Description  700MHz Slew Enhanced VFA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5205IY Datasheet(HTML) 4 Page - Intersil Corporation

  EL5205IY Datasheet HTML 1Page - Intersil Corporation EL5205IY Datasheet HTML 2Page - Intersil Corporation EL5205IY Datasheet HTML 3Page - Intersil Corporation EL5205IY Datasheet HTML 4Page - Intersil Corporation EL5205IY Datasheet HTML 5Page - Intersil Corporation EL5205IY Datasheet HTML 6Page - Intersil Corporation EL5205IY Datasheet HTML 7Page - Intersil Corporation EL5205IY Datasheet HTML 8Page - Intersil Corporation EL5205IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7332.5
October 26, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and GND. . . . . . . . . . . . . . . . . . 13.2V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±4V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mA
VS+ to VS- Maximum Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±5V, GND = 0V, TA = 25°C, VCM = 0V, VOUT = 0V, VENABLE = GND or OPEN, unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
EL5104, EL5105, EL5204, EL5205
-10
3
10
mV
EL5304
-18
5
18
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
10
µV/°C
IB
Input Bias Current
VIN = 0V
8
30
µA
IOS
Input Offset Current
VIN = 0V
4
15
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
50
nA/°C
PSRR
Power Supply Rejection Ratio
60
70
dB
CMRR
Common Mode Rejection Ratio
VCM from -3V to +3V
56
62
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-3
+3
V
RIN
Input Resistance
Common mode
50
120
k
CIN
Input Capacitance
SO package
1
pF
IS,ON
Supply Current - Enabled
Per amplifier
8.5
9.5
11
mA
IS,OFF
Supply Current - Shut Down
VS+, per amplifier
+1
0
+25
µA
VS-, per amplifier
-25
17
-1
µA
PSOR
Power Supply Operating Range
4
13.2
V
AVOL
Open Loop Gain
RL = 1kΩ to GND
55
65
dB
RL = 150Ω to GND
60
dB
VOP
Positive Output Voltage Swing
RL = 150Ω to 0V
3.6
3.8
V
VON
Negative Output Voltage Swing
RL = 150Ω to 0V
-3.8
-3.6
V
IOUT
Output Current
RL = 10Ω to 0V
±90
±160
mA
VIH-EN
ENABLE Pin Voltage for Power Up
(VS+)
-5
(VS+)
-3
V
VIL-EN
ENABLE Pin Voltage for Shut Down
(VS+)
-1
VS+V
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5205IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5205IY INTERSIL-EL5205IY Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5205IY-T13 INTERSIL-EL5205IY-T13 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5205IY-T7 INTERSIL-EL5205IY-T7 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5205IYZ INTERSIL-EL5205IYZ Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5205IYZ-T13 INTERSIL-EL5205IYZ-T13 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5205IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com