Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1041794 Datasheet(PDF) 5 Page - SICK AG

Part # 1041794
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041794 Datasheet(HTML) 5 Page - SICK AG

  1041794 Datasheet HTML 1Page - SICK AG 1041794 Datasheet HTML 2Page - SICK AG 1041794 Datasheet HTML 3Page - SICK AG 1041794 Datasheet HTML 4Page - SICK AG 1041794 Datasheet HTML 5Page - SICK AG 1041794 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CLV622-1000 | CLV62x
BAR CODE SCANNERS
Reading field diagram
250
(9.84)
200
(7.87)
150
(5.91)
100
(3.94)
50
(1.97)
0
Reading distance in mm (inch)
Resolution
a: 0.15 mm (5.9 mil)
c: 0.35 mm (13.8 mil)
d: 0.50 mm (19.7 mil)
b: 0.2 mm (7.9 mil)
–90
(–3.54)
90
(3.54)
–30
(–1.18)
30
(1.18)
–60
(–2.36)
60
(2.36)
0
Reading field height in mm (inch)
a
b
c
d
Recommended accessories
Other models and accessories
www.sick.com/CLV62x
Brief description
Type
Part no.
Mounting brackets and plates
Bracket with adapter board
Mounting bracket
2042902
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Modular connection module for one sensor
CDM420-0001
1025362
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Similar Part No. - 1041794

ManufacturerPart #DatasheetDescription
logo
SICK AG
1041790 SICK-1041790 Datasheet
471Kb / 6P
   BAR CODE SCANNERS
1041791 SICK-1041791 Datasheet
580Kb / 7P
   BAR CODE SCANNERS
1041792 SICK-1041792 Datasheet
467Kb / 6P
   BAR CODE SCANNERS
1041793 SICK-1041793 Datasheet
649Kb / 7P
   BAR CODE SCANNERS
1041795 SICK-1041795 Datasheet
649Kb / 7P
   BAR CODE SCANNERS
More results

Similar Description - 1041794

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com