Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5304IU-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5304IU-T13
Description  700MHz Slew Enhanced VFA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5304IU-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5304IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 9Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 10Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 11Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 12Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 13Page - Intersil Corporation EL5304IU-T13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN7332.5
October 26, 2005
FIGURE 25. INPUT AND OUTPUT ISOLATION
FIGURE 26. CHANNEL TO CHANNEL ISOLATION
FIGURE 27. HARMONIC DISTORTION vs FREQUENCY
FIGURE 28. TOTAL HARMONIC DISTORTION vs OUTPUT
VOLTAGES
FIGURE 29. TURN-ON TIME
FIGURE 30. TURN-OFF TIME
Typical Performance Curves (Continued)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS=±5V
AV=+1
RF=0
CHIP DISABLED
INPUT TO OUTPUT
OUTPUT TO INPUT
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
1G
FREQUENCY (Hz)
B IN TO A OUT
A IN TO B OUT
VS=±5V
AV=+1
RF=0
RL=500Ω
This was done on the
NOTE
:
EL5205 (dual op amp).
-110
-100
-90
-80
-70
-60
-50
-40
100k
1M
10M
100M
FUNDAMENTAL FREQUENCY (Hz)
VS =±5V
AV=+1
RF=0
RL=500Ω
VOUT=2VP-P
3rd H.D.
2ndH.D.
T.H.D
-100
-90
-80
-70
-60
-50
-40
-30
-20
0123
4
5678
OUTPUT VOLTAGES (VP-P)
VS =±5V
AV=+5
RG=402Ω
RF=1600Ω
RL=500Ω
CL=15pF
FIN = 10MHz
FIN = 1MHz
-3
-2
-1
0
1
2
3
4
5
6
-600 -400 -200
0
200 400 600 800 1000 1200 1400 1600
TIME (ns)
OUTPUT SIGNAL
ENABLE SIGNAL
Vs =±5V
AV=+1
RF=0
RL=500Ω
VOUT=2VP-P
-3
-2
-1
0
1
2
3
4
5
6
-600 -400 -200
0
200 400 600 800 1000 1200 1400 1600
TIME (ns)
OUTPUT SIGNAL
DISABLE SIGNAL
Vs =±5V
AV=+1
RF=0
RL=500Ω
VOUT=2VP-P
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5304IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5304IU-T13 INTERSIL-EL5304IU-T13 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5304IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com