Electronic Components Datasheet Search |
|
CC1206DCNPODBB121 Datasheet(PDF) 11 Page - YAGEO Corporation |
|
CC1206DCNPODBB121 Datasheet(HTML) 11 Page - YAGEO Corporation |
11 / 13 page High-Voltage NP0 /X7R 1 KV to 3 KV www.yageo.com Jan. 16, 2017 V.9 Surface-Mount Ceramic Multilayer Capacitors 11 13 Product specification TEST TEST METHOD PROCEDURE REQUIREMENTS Resistance to Soldering Heat 4.9 Precondition: 150 +0/–10 °C for 1 hour, then keep for 24 ± 1 hours at room temperature Preheating: for size ≤ 1206: 120 °C to 150 °C for 1 minute Preheating: for size >1206: 100 °C to 120 °C for 1 minute and 170 °C to 200 °C for 1 minute Solder bath temperature: 260 ± 5 °C Dipping time: 10 ± 0.5 seconds Recovery time: 24 ±2 hours Dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ∆C/C Class 1: NP0: within ± 0.5% or 0.5 pF, whichever is greater Class2: X7R: ± 10% D.F. within initial specified value Rins within initial specified value Solderability 4.10 Preheated to a temperature of 80 °C to 140 °C and maintained for 30 seconds to 60 seconds. 1. Temperature: 235± 5°C / Dipping time: 2 ± 0.5 s 2. Temperature: 245± 5°C / Dipping time: 3 ± 0.5 s (lead free)Depth of immersion: 10mm The solder should cover over 95% of the critical area of each termination Rapid Change of Temperature IEC 60384- 21/22 4.11 Preconditioning; 150 +0/–10 °C for 1 hour, then keep for 24 ± 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature 30 minutes at upper category temperature Recovery time 24 ± 2 hours No visual damage ∆C/C Class 1: NP0: within ± 1% or 1 pF, whichever is greater Class2: X7R: ± 15% D.F. meet initial specified value Rins meet initial specified value Damp Heat 4.13 1. Preconditioning, class 2 only: 150 +0/-10 °C /1 hour, then keep for 24 ± 1 hour at room temp 2. Initial measure: Spec: refer to initial spec C, D, IR 3. Damp heat test: 500 ± 12 hours at 40 ±2 °C; 90 to 95% R.H. 4. Recovery: Class 1: 6 to 24 hours Class 2: 24 ± 2 hours 5. Final measure: C, D, IR P.S. If the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be preconditioned according to “IEC 60384 4.1” and then the requirement shall be met. No visual damage after recovery ∆C/C Class 1: NP0: within ± 2% or 1 pF, whichever is greater Class2: X7R: ± 15% D.F. Class 1: NP0: ≤ 2 x specified value Class2: X7R: ≥ 25 V: ≤ 5% Rins Class 1: NP0: ≥ 2,500 MΩ or Rins x Cr ≥ 25s whichever is less Class2: X7R: ≥ 500 MΩ or Rins x Cr ≥ 25s whichever is less |
Similar Part No. - CC1206DCNPODBB121 |
|
Similar Description - CC1206DCNPODBB121 |