Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBCFG01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 5Page - STMicroelectronics STBCFG01 Datasheet HTML 6Page - STMicroelectronics STBCFG01 Datasheet HTML 7Page - STMicroelectronics STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics STBCFG01 Datasheet HTML 10Page - STMicroelectronics STBCFG01 Datasheet HTML 11Page - STMicroelectronics STBCFG01 Datasheet HTML 12Page - STMicroelectronics STBCFG01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
STBCFG01
Electrical characteristics
DocID026474 Rev 3
9/37
4
Electrical characteristics
TJ = -30 °C to +85 °C, VBAT = 3.6 V, VDCIN = 5 V unless otherwise specified.
Table 5: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General information
VIN
DCIN input voltage
range
3.78
5.95
V
fSW
Switching frequency
FSW bit = 0
2
MHz
FSW bit = 1
3
TSD
Thermal shutdown
threshold
165
°C
Hysteresis
20
tTSD
Thermal shutdown
deglitch time
50
µs
Battery charger
IIN
Current consumption
from DCIN
Charger enabled,
switching,
VBUS_CON = 5 V
14
mA
Shutdown, LDO
disabled
290
400
µA
Shutdown, LDO
enabled
500
800
µA
IBAT
Current consumption
from BAT(including
fuel gauge)
On battery power
VBUS_CON = 0 V
GG_RUN = 0
10
25
µA
On battery power
VBUS_CON = 0 V
GG_RUN = 1
32
100
µA
VINOVP
DCIN overvoltage
protection
VDCIN rising
6.05
6.3
6.62
V
VDCIN falling
5.95
6.2
6.51
VINOVP_PB
Pre-bias overvoltage
protection
VDCIN rising
7.0
V
VDCIN falling
6.9
V
Pre-bias OVP
accuracy
-5
+5
%
VINUVLO
DCIN undervoltage
lockout
VDCIN rising
3.6
V
VDCIN falling
3.5
DCIN UVLO accuracy
-5
+5
%
IPREB
Pre-bias current
60
mA
tPBD
Pre-bias current
enable deglitch time
VDCIN rising over VINOVP
but below VINOVP_PB
5
ms
tHDO
Hold-off time
Valid DCIN connection
to charging start
200
ms


Similar Part No. - STBCFG01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC02 STMICROELECTRONICS-STBC02 Datasheet
2Mb / 39P
   Li-Ion linear battery charger with LDO, load switches and reset generator
December 2016 Rev 2
STBC02AJR STMICROELECTRONICS-STBC02AJR Datasheet
2Mb / 39P
   Li-Ion linear battery charger with LDO, load switches and reset generator
December 2016 Rev 2
STBC02BJR STMICROELECTRONICS-STBC02BJR Datasheet
2Mb / 39P
   Li-Ion linear battery charger with LDO, load switches and reset generator
December 2016 Rev 2
STBC02JR STMICROELECTRONICS-STBC02JR Datasheet
2Mb / 39P
   Li-Ion linear battery charger with LDO, load switches and reset generator
December 2016 Rev 2
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
   Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
More results

Similar Description - STBCFG01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
   Thin Film Current Sensing Resistor
3/28/2022
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com