Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-CBL006V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-CBL006V1
Description  Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CBL006V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CBL006V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CBL006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CBL006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CBL006V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2009
Rev 1
1/4
4
STEVAL-CBL006V1
Demonstation board: power supply for LNB
based on the LNBH24 (QFN32)
Features
Complete interface between LNBs and I²C bus
Built-in DC-DC converter for single 12 V supply
(8 V to 15 V Vin range) operation and high
efficiency (typ. 93%@0.5 A)
Compliant with main satellite receivers output
voltage specification
Accurate built-in 22 kHz tone generator meets
widely accepted standards (patent pending)
Fast oscillator start-up facilitates DiSEqC™
encoding
Built-in 22 kHz tone detector supports
bidirectional DiSEqC™ 2.0
Over-load and over-temperature internal
protections with I²C diagnostic bits
Output voltage and output current level
diagnostic feedback by I²C bits
LNB short circuit dynamic protection
+/- 4 kV ESD tolerant on output power pins
Based on LNBH24 in QFN32 package
Description
The demonstration board STEVAL-CBL006V1
implements a DC-DC converter based on the
device LNBH24. It gives good performance in a
simple and cheap way and minimum external
components are required. It includes all the
functions that allow the design of a dual tuner
STBs with supplying/interfacing function in
accordance with the international standards. It
also includes an I²C bus interface and, thanks to a
fully integrated step-up DC-DC converter, it works
with a single input voltage supply in the range of 8
V to 15 V.
STEVAL-CBL006V1
www.st.com


Similar Part No. - STEVAL-CBL006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
   EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
   LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
August 2010 Rev 1
More results

Similar Description - STEVAL-CBL006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com