Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5205ISZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5205ISZ
Description  700MHz Slew Enhanced VFA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5205ISZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5205ISZ Datasheet HTML 1Page - Intersil Corporation EL5205ISZ Datasheet HTML 2Page - Intersil Corporation EL5205ISZ Datasheet HTML 3Page - Intersil Corporation EL5205ISZ Datasheet HTML 4Page - Intersil Corporation EL5205ISZ Datasheet HTML 5Page - Intersil Corporation EL5205ISZ Datasheet HTML 6Page - Intersil Corporation EL5205ISZ Datasheet HTML 7Page - Intersil Corporation EL5205ISZ Datasheet HTML 8Page - Intersil Corporation EL5205ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7332.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5104, EL5105, EL5204, EL5205, EL5304
700MHz Slew-Enhanced VFAs
The EL5104, EL5105, EL5204, EL5205, and EL5304
represent high speed voltage feedback amplifiers based on
the current feedback amplifier architecture. This gives the
typical high slew rate benefits of a CFA family along with the
stability and ease of use associated with the VFA type
architecture. This family is available in single, dual, and triple
versions, with 200MHz, 400MHz, and 700MHz versions.
This family operates on single 5V or ±5V supplies from
minimum supply current. The EL5104 and EL5204 also
feature an output enable function, which can be used to put
the output in to a high-impedance mode. This enables the
outputs of multiple amplifiers to be tied together for use in
multiplexing applications.
Features
• Specified for 5V or ±5V applications
• Power-down to 17µA
• -3dB bandwidth = 700MHz
• ±0.1dB bandwidth = 45MHz
• Low supply current = 9.5mA
• Slew rate = 7000V/µs
• Low offset voltage = 10mV max
• Output current = 160mA
•AVOL = 1400
• Diff gain/phase = 0.01%/0.02°
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering
Data Sheet
October 26, 2005


Similar Part No. - EL5205ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5205ISZ INTERSIL-EL5205ISZ Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5205ISZ-T13 INTERSIL-EL5205ISZ-T13 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5205ISZ-T7 INTERSIL-EL5205ISZ-T7 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5205ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com