Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5205IYZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5205IYZ-T7
Description  700MHz Slew Enhanced VFA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5205IYZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5205IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 14Page - Intersil Corporation EL5205IYZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN7332.5
October 26, 2005
FIGURE 31. EQUIVALENT NOISE VOLTAGE vs FREQUENCY
FIGURE 32. SMALL SIGNAL STEP RESPONSE_RISE & FALL
TIME
FIGURE 33. LARGE SIGNAL STEP RESPONSE_RISE & FALL
TIME
FIGURE 34. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 35. SLEW RATE vs SUPPLY VOLTAGES
FIGURE 36. THIRD ORDER IMD INTERCEPT (IP3)
Typical Performance Curves (Continued)
VS=±5V
FREQUENCY (Hz)
1K
100
10
1
10
100
1k
10k
100k
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-20
0
20
40
60
80
100 120 140 160 180
TIME (ns)
TRISE=852ps
TFALL = 860ps
Vs =±5V
AV=+1
RF=0
RL=500Ω
VOUT=400mV
-3
-2
-1
0
1
2
3
4
5
-20
0
20
40
60
80 100 120 140 160 180
TIME (ns)
TRISE=958ps
TFALL = 944ps
Vs =±5V
AV=+1
RF=0
RL=500Ω
VOUT=4.0VP-P
0
2
4
6
8
10
12
1.01.5
2.02.5
3.03.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NOTE:
The curve showed positive current.
AV=+1
RF=0
RL=500Ω
The negative current was the same.
1000
1500
2000
2500
3000
3500
4000
4500
5000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (±V)
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
AV=+2
RF=RG=255Ω
RL=500Ω
VOUT=4VP-P
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.8
0.9
1.0
1.1
1.2
FREQUENCY (MHz)
f1=4dBm
@ 0.95MHz
2f1-f2=-72.7dBm
@ 0.85MHz
Delta IM=(4)-(-73)=77dB
IP3=4+(77/2)=42.5dBm
Vs =±5V
AV=+5
RF=1600Ω
RL=100Ω
CL=15pF
f2=4.1dBm
@ 1.05MHz
2f2-f1=-73dBm
@ 1.15MHz
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5205IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5205IYZ-T7 INTERSIL-EL5205IYZ-T7 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5205IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com