Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGAS181230H570DP Datasheet(PDF) 2 Page - AVX Corporation

Part # VGAS181230H570DP
Description  Multilayer Varistors for Automotive Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VGAS181230H570DP Datasheet(HTML) 2 Page - AVX Corporation

  VGAS181230H570DP Datasheet HTML 1Page - AVX Corporation VGAS181230H570DP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
012317
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
ELD
IP
Cap
Freq
VJump
PDiss, MAX
VGAS120616K390
16
11
24.5±10%
40
1
15
0.6
1.5
200
900
K
27.5
0.01
VGAS120616N390
16
11
24.5±10%
40
1
15
1.1
2
200
1300
K
27.5
0.01
VGAS121016S390
16
14
24.5±10%
40
2.5
15
2.0
5.00
500
3000
K
27.5
0.01
VGAS121016J400
16
13
25.5±10%
42
5
10
1.6
3
500
3100
K
27.5
0.03
VGAS181216P390
16
11
24.5±10%
40
5
15
2.9
10
1000
7000
K
27.5
0.07
VGAS181216P400
16
11
24.5±10%
42
5
10
2.9
10
1000
5000
K
27.5
0.07
VGAS222016Y390
16
11
24.5±10%
40
10
15
10.2
45
1500
20000
K
27.5
0.08
VGAS222016Y400
16
11
24.5±10%
42
10
10
7.2
25
1500
13000
K
27.5
0.10
VGAS120618D400
18
13
25.5±10%
42
1
15
0.4
1.5
150
1200
K
27.5
0.008
VGAS121018J400
18
13
25.5±10%
42
5
15
1.6
3.0
500
2300
K
27.5
0.03
VGAS181218P440
18
14
27.5±10%
44
5
15
2.9
6
800
5000
K
27.5
0.05
VGAS222022Y490
22
17
30.0±10%
49
10
15
6.8
25
1200
12000
K
27.5
0.03
VGAS120626F540
26
18
33.0±10%
54
1
15
0.7
1.5
200
600
K
27.5
0.008
VGAS121026H560
26
18
34.5±10%
60
5
15
1.2
3
300
1200
K
27.5
0.018
VGAS181226P570
26
23
35.0±10%
57
5
15
2.5
8
600
3000
K
30
0.015
VGAS222026Y570
26
23
35.0±10%
57
10
15
6.8
25
1100
7000
K
30
0.03
VGAS322026Z570
26
23
35.0±10%
57
10
15
13.0
50
1800
15000
K
30
0.04
VGAS121030H620
30
21
41.0±10%
67
5
15
1.2
3
280
1850
K
30
0.018
VGAS120631M650
31
25
39.0±10%
65
1
15
1
2.5
200
700
K
30
0.03
VGAS121031R650
31
25
39.0±10%
65
2.5
15
1.7
4.5
300
1200
K
30
0.05
VGAS181231P650
31
25
39.0±10%
65
5
15
3.7
8
800
2600
K
30
0.06
VGAS222031Y650
31
25
39.0±10%
65
10
15
9.6
23
1200
6100
K
30
0.03
VGAS120634N770
34
30
47.0±10%
77
1.0
15
1.1
1.50
200
500
K
47
0.02
VGAS121034S770
34
30
47.0±10%
77
2.5
15
2
3
400
1000
K
48
0.04
VGAS181234U770
34
30
47.0±10%
77
5
15
5
6.1
800
1500
K
48
0.08
VGAS222034Y770
34
30
47.0±10%
77
10
15
12
25
2000
6300
K
48
0.24
VGAS181242U900
42
35
56.0±10%
90
5
15
4.0
6
500
1200
K
48
0.015
VGAS222042Y900
42
37
56.0±10%
90
10
15
12
24
1000
5000
K
48
0.06
VGAS121048H101
48
34
62.0±10%
100
5
15
1.2
-
250
500
K
48
0.022
VGAS181256U111
56
40
68.0±10%
110
5.0
15
4.8
-
500
1100
K
48
0.04
VGAS121060J121
60
42
76.0±10%
120
5
15
1.5
-
250
400
K
48
0.03
VGAS121065P131
65
50
82.0±10%
135
2.5
15
2.7
-
350
600
K
48
0.05
VGAS181265U131
65
50
82.0±10%
135
5.0
15
4.5
-
400
800
K
48
0.03
VGAS222065Y131
65
50
82.0±10%
135
10
15
6.5
-
1100
3000
K
48
0.06
VGAS181285U161
85
60
100±10%
165
5.0
15
4.5
-
400
500
K
48
0.04
ELECTRIAL CHARACTERISTICS
VGAS181216P400
0.5Ω
100ms
46
52
72
200ms
37
41
59
400ms
32
35
51
VGAS222016Y400
0.5Ω
100ms
53
60
77
200ms
50
55
73
400ms
47
50
66
12V SYSTEMS
AUTOMOTIVE SERIES – LOAD DUMP TEST
According to ISO DP7637 rev 2 Pulse 5
When using the test method indicated below, the amount of
Energy dissipated by the varistor must not exceed the Load
Dump Energy value specified in the product table.
Automotive Load Dump Pulse
(According to ISO 7637 Pulse 5)
Time (msec)
Glass Encapsulated TransGuard
®
Automotive Series
Multilayer Varistors for Automotive Applications
V
W(DC)
DC Working Voltage [V]
V
W(AC)
AC Working Voltage [V]
V
B
Typical Breakdown Votage [V @ 1mA
DC, 25°C]
V
C
Clamping Voltage [V @ I
IVC]
I
VC
Test Current for V
C [A, 8x20μs]
I
L
Maximum leakage current at the working
voltage, 25°C [μA]
E
T
Transient Energy Rating [J, 10x1000μS]
E
LD
Load Dump Energy (x10) [J]
I
P
Peak Current Rating [A, 8x20μS]
Cap
Typical capacitance [pF] @ frequency specified
and 0.5V
RMS, 25°C, M = 1MHz, K = 1kHz
V
Jump
Jump Start [V, 5 min]
P
DISS
Power Dissipation [W]


Similar Part No. - VGAS181230H570DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VGAS181234U770 AVX-VGAS181234U770 Datasheet
116Kb / 2P
   Glass Encapsulated TransGuard
More results

Similar Description - VGAS181230H570DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060316B400 AVX-VCAS060316B400_17 Datasheet
612Kb / 10P
   Multilayer Varistors for Automotive Applications
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com