Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2F109X500Y3ETP Datasheet(PDF) 4 Page - AVX Corporation

Part # V2F109X500Y3ETP
Description  TransFeed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2F109X500Y3ETP Datasheet(HTML) 4 Page - AVX Corporation

  V2F109X500Y3ETP Datasheet HTML 1Page - AVX Corporation V2F109X500Y3ETP Datasheet HTML 2Page - AVX Corporation V2F109X500Y3ETP Datasheet HTML 3Page - AVX Corporation V2F109X500Y3ETP Datasheet HTML 4Page - AVX Corporation V2F109X500Y3ETP Datasheet HTML 5Page - AVX Corporation V2F109X500Y3ETP Datasheet HTML 6Page - AVX Corporation V2F109X500Y3ETP Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
86
080216
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
V2F105A150Y2E
VC080505A150
5.6V, 0.1J
0
-10
-20
-30
-40
-50
-60
0.01
0.1
1
Frequency (GHz)
10
V2F114A300Y2E
VC080514A300
14V, 0.1J
0
-10
-20
-30
-40
-50
-60
0.01
0.1
1
Frequency (GHz)
10
V2F118A400Y2E
VC080518A400
18V, 0.1J
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
V2F118X500Y3D
VC08LC18A500
18V, 0.05J
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
V2F105C150Y1F
VC080505C150
5.6V, 0.3J
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
V2F118C400Y1F
VC080518C400
18V, 0.3J
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
V2F114C300Y1F
VC080514C300
14V, 0.3J
INSERTION LOSS COMPARISON
(TransFeed vs TransGuard®)
0805 – dB vs Frequency
TransFeed
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
PERFORMANCE CHARACTERISTICS


Similar Part No. - V2F109X500Y3ETP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F109A200Y2E AVX-V2F109A200Y2E Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109A200Y2E AVX-V2F109A200Y2E Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109C200Y1F AVX-V2F109C200Y1F Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F109C200Y1F AVX-V2F109C200Y1F Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F109X500Y3ETP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com