Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCAS080538H400TP Datasheet(PDF) 10 Page - AVX Corporation

Part # VCAS080538H400TP
Description  Multilayer Varistors for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS080538H400TP Datasheet(HTML) 10 Page - AVX Corporation

Back Button VCAS080538H400TP Datasheet HTML 2Page - AVX Corporation VCAS080538H400TP Datasheet HTML 3Page - AVX Corporation VCAS080538H400TP Datasheet HTML 4Page - AVX Corporation VCAS080538H400TP Datasheet HTML 5Page - AVX Corporation VCAS080538H400TP Datasheet HTML 6Page - AVX Corporation VCAS080538H400TP Datasheet HTML 7Page - AVX Corporation VCAS080538H400TP Datasheet HTML 8Page - AVX Corporation VCAS080538H400TP Datasheet HTML 9Page - AVX Corporation VCAS080538H400TP Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
23
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
ESD V-I CHARACTERISTICS
TYPICAL VOLTAGE AT 8 KV PULSE
8kV Pulse
Peak Voltage (V)
30ns Voltage (V)
100ns Voltage (V)
No Part
2130
1370
517
(No Suppression)
120618A400
171
123
65
120618D400
177
133
66
120618E380
161
121
63
120626D580
203
155
88
102626F540
201
159
84
120630D650
249
177
106
120656F111
366
262
169
No Part 8k V
120618A400
120618D400
120618E380
120626D580
120626F540
120630D650
120656F111
2000
1500
1000
500
0
0
50
100
150
200
8 kV ESD Vc
(150pF/300ohm IEC Network)
Time (nsec)
30.0
28.0
26.0
24.0
22.0
20.0
Initial
10
100
# Pulses
1000
10000
ESD 8 kV IEC 61000-4-2 150pF / 330Ω Resistor
VC060318A400


Similar Part No. - VCAS080538H400TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS080538C770 AVX-VCAS080538C770 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS080538H400TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com