Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHM006V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IHM006V1
Description  AC/AC chopper driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM006V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IHM006V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM006V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM006V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General circuit description
STEVAL-IHM006V1
2/5
1
General circuit description
Currently, the most widely used method to vary the AC mono-phase load voltage in applications
such as refrigerators, hydraulic pumps, fans and lamps consists in using the phase
partialization technique via a triac device. Although this simple and low cost solution has been
used for several years, it creates excessive harmonic distortion and has a consequent low
efficiency. Typical applications used to solve this problem are systems based on a complex
inverter drive, which are quite expensive.
The presented patented solution can solve third harmonic problems thanks to its switching
work mode. The induction motor is driven in high frequency mode by an innovative switch
topology, which delivers a silent and cost effective variable speed drive. The speed is controlled
by the motor voltage: the power switch runs in PWM mode and its duty cycle changes linearly
to control the speed versus the torque.
The base circuit can be viewed as a double chopper that operates on a sinusoidal busdirectly
from the 50-60Hz mains, without a preliminary AC-DC conversion type.
The double chopper is able to energize the load from any level of the sinusoidal voltagewave
and demagnetize it via a free-wheeling current system, obtaining the voltage regulation and the
current. This means that the circuit operates as an AC-AC converter or transformer and the
form of the current load is a perfect sinusoidal shape. The proposed circuit does not have any
load type limitations. It works with any inductive-ohmic load with notable angles between the
current and the voltage.
The power can be controlled by varying the duty cycle of the PWM signal where the shape of
the current is sinusoidal due to the filtering effect of the inductive nature of the load.
If the load has a reactive power, it can transit between load and line grid independently from the
power level and is not blocked or dissipated in any electronic parts of the circuit.
The control parameters (PWM modulation, reference signal and current sensing) are controlled
through an MCU. The AC/AC chopper driver evaluation board is based on the ST7FLITE05
microcontroller (8-bit MCU with single voltage flash memory, ADC, timers, SPI, 1% internal RC
oscillator)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IHM006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
   BLDC & AC motor control control board indart
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STEVAL-IHM004V1 STMICROELECTRONICS-STEVAL-IHM004V1 Datasheet
130Kb / 4P
   BLDC & AC motor control Power driver board 1 KW
STEVAL-IHM005V1 STMICROELECTRONICS-STEVAL-IHM005V1 Datasheet
101Kb / 4P
   BLDC & AC Motor Control Power Driver Board 3KW
STEVAL-IHM008V1 STMICROELECTRONICS-STEVAL-IHM008V1 Datasheet
218Kb / 4P
   BLDC & AC motor control Power board SEMITOP짰2 1kW
More results

Similar Description - STEVAL-IHM006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2316 STMICROELECTRONICS-AN2316 Datasheet
440Kb / 24P
   Improved ST7LITE05 AC Chopper Driver Solution
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
AiT Semiconductor Inc.
A9913 AITSEMI-A9913 Datasheet
431Kb / 8P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.0 - NOV 2013
A9912 AITSEMI-A9912 Datasheet
371Kb / 10P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.1 - OCT 2013
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
logo
Texas Instruments
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
MagnaChip Semiconductor...
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
   High Voltage AC LED Driver
logo
NEC
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
   96-BIT AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com