Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV036F090M013 Datasheet(PDF) 3 Page - Vicor Corporation

Part # MV036F090M013
Description  High density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F090M013 Datasheet(HTML) 3 Page - Vicor Corporation

  MV036F090M013 Datasheet HTML 1Page - Vicor Corporation MV036F090M013 Datasheet HTML 2Page - Vicor Corporation MV036F090M013 Datasheet HTML 3Page - Vicor Corporation MV036F090M013 Datasheet HTML 4Page - Vicor Corporation MV036F090M013 Datasheet HTML 5Page - Vicor Corporation MV036F090M013 Datasheet HTML 6Page - Vicor Corporation MV036F090M013 Datasheet HTML 7Page - Vicor Corporation MV036F090M013 Datasheet HTML 8Page - Vicor Corporation MV036F090M013 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 3 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
Part Number
Typical Full Load Efficiency at nom Vout (%)
Typical Half Load Efficiency at nom Vout (%) Maximum Load Capacitance (µF)
MV036F011M100
89.2
89.3
48128
MV036F015M080
91.9
92.3
27072
MV036F022M055
94
94.5
12032
MV036F030M040
94
94.8
6768
MV036F045M027
94.6
95.6
3008
MV036F060M020
95.3
96.0
1692
MV036F072M017
96.2
96.2
1175
MV036F090M013
96.2
95.5
752
MV036F120M010
94.8
94.9
423
MV036F180M007
95.8
95.2
188
MV036F240M005
95.0
94.8
106
MV036F360M003
96
96
47
No Load Output Voltage (Vdc)
Rout (mΩ)
Rated Output
Part Number
K-Factor
Current (A)
@26 Vin
@ 50 Vin
Min
Nom
Max
MV036F011M100
1/32
100
0.82
1.55
0.5
0.9
1.3
MV036F015M080
1/24
80
1.1
2.0
1.0
1.3
1.5
MV036F022M055
1/16
55
1.63
3.1
1.4
1.75
2.0
MV036F030M040
1/12
40
2.2
4.1
1.45
2.8
3.6
MV036F045M027
1/8
27
3.3
6.2
3.5
6.0
7.1
MV036F060M020
1/6
20
4.3
8.3
5.0
8.0
10
MV036F072M017*
1/5
16.6
6.4*
10
6.0
9.6
12
MV036F090M013
1/4
13.3
6.5
12.5
6.9
11.5
13.9
MV036F120M010
1/3
10.0
8.7
16.6
25
31
40
MV036F180M007
1/2
6.7
14**
25
27.5
43.6
60.0
MV036F240M005
2/3
5.0
17.4
33
49.3
79.0
98.0
MV036F360M003
13.3
26
50
140
188
210
MIL-COTS VTM® Family Part Numbers and Ranges
Control Pin Functions
Table 1 — VTM part numbers
Table 2 — Typical efficiency and maximum load capacitance, by part number
VC – VTM Control
The VC port is multiplexed. It receives the initial V
CC voltage from an
upstream PRM®, synchronizing the output rise of the VTM® with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
The VC port is not intended to be used to supply V
CC voltage to the
VTM for extended periods of time. If VC is being supplied from a
source other than the PRM, the voltage should be removed after 20 ms.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
* Low line input voltage 32 V
**Low line input voltage 28 V
Electrical Specifications (continued)


Similar Part No. - MV036F090M013

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MV036F090M013 VICOR-MV036F090M013 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F090M013 VICOR-MV036F090M013 Datasheet
711Kb / 10P
   Transformer
MV036F090M013 VICOR-MV036F090M013 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Similar Description - MV036F090M013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
   MALE-HIGH DENSITY
logo
Glenair, Inc.
181-058 GLENAIR-181-058 Datasheet
229Kb / 1P
   Glenair High Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Cynergy3 Co
LM10AW CYNERGY3-LM10AW Datasheet
67Kb / 2P
   High Density Polyethylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com