Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R475F21000001K Datasheet(PDF) 11 Page - Kemet Corporation

Part # R475F21000001K
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R475F21000001K Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R475F21000001K Datasheet HTML 7Page - Kemet Corporation R475F21000001K Datasheet HTML 8Page - Kemet Corporation R475F21000001K Datasheet HTML 9Page - Kemet Corporation R475F21000001K Datasheet HTML 10Page - Kemet Corporation R475F21000001K Datasheet HTML 11Page - Kemet Corporation R475F21000001K Datasheet HTML 12Page - Kemet Corporation R475F21000001K Datasheet HTML 13Page - Kemet Corporation R475F21000001K Datasheet HTML 14Page - Kemet Corporation R475F21000001K Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3008_R47_X2_520 • 10/20/2014 11
Metallized Polypropylene Film EMI Suppression Capacitors
R47 Series, Class X2, 520 VAC, 85ºC (Automotive Grade)
Packaging Quantities
Lead Spacing
(mm)
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short Leads
Bulk
Long Leads
Standard
Reel
ø 355 mm
Large Reel
ø 500 mm
Ammo
Taped
10
4
9
13
2000
1800
750
1500
1000
5
11
13
1300
1500
600
1250
800
6
12
13
1000
1200
500
1000
680
15
5
11
18
2000
1000
600
1250
800
6
12
18
1750
900
500
1000
680
6
17.5
18
1000
700
500
1000
680
7.5
13.5
18
1000
700
350
800
500
7.5
18.5
18
900
500
800
500
8.5
14.5
18
1000
500
300
700
440
9
12.5
18
1000
520
270
650
410
10
16
18
750
500
300
600
380
11
19
18
450
350
500
340
13
12
18
750
490
200
480
280
22.5
6
15
26.5
805
500
700
464
6.5
13,5
26.5
800
7
16
26.5
700
500
550
380
8.5
17
26.5
468
300
450
280
10
18.5
26.5
396
300
350
235
11
20
26.5
360
250
350
217
13
22
26.5
300
200
300
27.5
9
17
32
816
408
450
11
20
32
560
336
350
13
22
32
480
288
300
14
28
32
352
176
18
33
32
256
128
22
37
32
168
112
37.5
11
22
41.5
420
252
13
24
41.5
360
216
16
28.5
41.5
216
108
19
32
41.5
192
96
20
40
41.5
126
84


Similar Part No. - R475F21000001K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R475F21000001K KEMET-R475F21000001K Datasheet
1Mb / 14P
   R47 Series, Class X2, 520 VAC (Automotive Grade)
More results

Similar Description - R475F21000001K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com