Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C128M8D2-25BCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C128M8D2-25BCN
Description  128M x 8 bit DDRII Synchronous DRAM (SDRAM)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M8D2-25BCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C128M8D2-25BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M8D2-25BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
AS4C128M8D2
Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory Inc. reserves the right to change products or specification without notice.
6
Rev. 1.0
June 2013
DM
Input
Data Input Mask: Input data is masked when DM is sampled HIGH during a write cycle. x8
device, the function of DM or RDQS/RQDS# is enabled by EMRS command.
DQ0 – DQ7
Input /
Output
Data I/O: Bi-directional data bus.
ODT
Input
On Die Termination: ODT enables internal termination resistance. It is applied to each DQ,
DQS/DQS#, RDQS/RDQS# and DM signal. The ODT pin is ignored if the EMR (1) is programmed
to disable ODT.
VDD
Supply
Power Supply: +1.8V 0.1V
VSS
Supply
Ground
VDDL
Supply
DLL Power Supply: +1.8V 0.1V
VSSDL
Supply
DLL Ground
VDDQ
Supply
DQ Power: +1.8V 0.1V.
VSSQ
Supply
DQ Ground
VREF
Supply
Reference Voltage for Inputs: +0.5*VDDQ
NC
-
No Connect: These pins should be left unconnected.


Similar Part No. - AS4C128M8D2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M8D2 ALSC-AS4C128M8D2 Datasheet
2Mb / 59P
   AS4C128M8D2
More results

Similar Description - AS4C128M8D2-25BCN

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAG-18H ETRON-EM68C08CWAG-18H Datasheet
1Mb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com