Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4548 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC4548
Description  NPN Epitaxial Planar Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC4548 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SC4548 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC4548 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC4548 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SC4548 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
NPN
Epitaxial Planar Silicon Transistor
2SC4548
E055
www.gmicroelec.com
Rev.A
1
FEATURES
High breakdown voltage.
Adoption of MBIT process.
Excellent hFE linearlity.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC4548
CN
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
200
mA
ICP
Collector Current(Pulse)
400
mA
PC
Collector Dissipation
0.5
1.3 Note1
W
Tj,Tstg
Junction and Storage Temperature
-55 to +150
Note1:Mounted on ceramic substrate(250mm2*0.8mm)
Pb
Lead-free


Similar Part No. - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4548 SANYO-2SC4548 Datasheet
102Kb / 3P
   High-Voltage Driver Applications
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
   HIGH VOLTAGE DRIVER APPLICATION
logo
Nanjing International G...
2SC4548 DGNJDZ-2SC4548 Datasheet
490Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
Guangdong Kexin Industr...
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
   High-Voltage Driver Applications
More results

Similar Description - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com