Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C8016-55ZIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS6C8016-55ZIN
Description  512K X 16 BIT SUPER LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8016-55ZIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS6C8016-55ZIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C8016-55ZIN Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
48-ball 6mm × 8mm TFBGA Package Outline Dimension
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
NOVEMBER 2007
NOVEMBER/2007, V 1.0
Alliance Memory Inc.
Page 10 of 12
AS6C8016
512K X 16 BIT SUPER LOW POWER CMOS SRAM


Similar Part No. - AS6C8016-55ZIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
More results

Similar Description - AS6C8016-55ZIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com