Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M16SB-6TIN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4C32M16SB-6TIN
Description  54pin TSOPII PACKAGE
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16SB-6TIN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4C32M16SB-6TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16SB-6TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Figure 1. Pin Assignment (Top View)
1
54
VDD
VSS
2
53
DQ0
DQ15
3
52
VDDQ
VSSQ
4
51
DQ1
DQ14
5
50
DQ2
DQ13
6
49
VSSQ
VDDQ
7
48
DQ3
DQ12
8
47
DQ4
DQ11
9
46
VDDQ
VSSQ
10
45
DQ5
DQ10
11
44
DQ6
DQ9
12
43
VSSQ
VDDQ
13
42
DQ7
DQ8
14
41
VDD
VSS
15
40
LDQM
NC
16
39
WE#
UDQM
17
38
CAS#
CLK
18
37
RAS#
CKE
19
36
CS#
A12
20
35
BA0
A11
21
34
BA1
A9
22
33
A10/AP
A8
23
32
A0
A7
24
31
A1
A6
25
30
A2
A5
26
29
A3
A4
27
28
VDD
VSS
AS4C32M16SB-6TIN
AS4C32M16SB-7TIN
AS4C32M16SB-7TCN
Confidential
- 3/55 -
Rev.1.0 June 2016


Similar Part No. - AS4C32M16SB-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16SB-6TIN ALSC-AS4C32M16SB-6TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
More results

Similar Description - AS4C32M16SB-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16SB-7TIN ALSC-AS4C32M16SB-7TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
AS4C16M16D1A ALSC-AS4C16M16D1A Datasheet
2Mb / 64P
   66-pin TSOPII PACKAGE
logo
Samsung semiconductor
K4S560432E-NC SAMSUNG-K4S560432E-NC Datasheet
207Kb / 13P
   256Mb E-die SDRAM Specification 54pin sTSOP-II
K4H560438E-NC SAMSUNG-K4H560438E-NC Datasheet
214Kb / 24P
   256Mb E-die DDR SDRAM Specification 54pin sTSOP(II)
logo
Mosel Vitelic, Corp
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
   Package on Package (PoP) Family
logo
KEC(Korea Electronics)
KDV239 KEC-KDV239_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDV269 KEC-KDV269_08 Datasheet
350Kb / 1P
   USC PACKAGE
KDV269E KEC-KDV269E_04 Datasheet
49Kb / 1P
   ESC PACKAGE
KDV269V KEC-KDV269V Datasheet
14Kb / 1P
   VSC PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com