Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25141-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM25141-Q1
Description  Wide Input Range Synchronous Buck Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25141-Q1 Datasheet HTML 5Page - Texas Instruments LM25141-Q1 Datasheet HTML 6Page - Texas Instruments LM25141-Q1 Datasheet HTML 7Page - Texas Instruments LM25141-Q1 Datasheet HTML 8Page - Texas Instruments LM25141-Q1 Datasheet HTML 9Page - Texas Instruments LM25141-Q1 Datasheet HTML 10Page - Texas Instruments LM25141-Q1 Datasheet HTML 11Page - Texas Instruments LM25141-Q1 Datasheet HTML 12Page - Texas Instruments LM25141-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
VIN (V)
6
7
8
9
10
11
12
13
14
15
16
17
18
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
D005
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
3.30
3.32
3.34
3.36
3.38
3.40
3.42
3.44
3.46
3.48
3.50
D006
VIN (V)
8
9
10
11
12
13
14
15
16
17
18
25
30
35
40
45
50
55
60
65
70
D003
125qC
25qC
-40qC
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
0
2
4
6
8
10
12
D004
D001
VIN 8 V
VIN 12 V
VIN 18 V
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
20
30
40
50
60
70
80
90
100
D001
VIN 8 V
VIN 12 V
VIN 18 V
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
20
30
40
50
60
70
80
90
100
D002
VIN 8 V
VIN 12 V
VIN 18 V
9
LM25141
www.ti.com
SNVSAU1 – MARCH 2017
Product Folder Links: LM25141
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
At TA = 25ºC, unless otherwise noted
VIN 8–18 V
EN = 12 V
2.2 MHz
VOUT 5 V
FPWM
Figure 1. Efficiency vs IOUT
VIN 8–18 V
EN = 12 V
2.2 MHz
VOUT 5 V
DEMB
Figure 2. Efficiency vs IOUT
EN = 12 V
Figure 3. ISTANDBY vs VIN
VIN 8–18 V
EN = 0 V
Figure 4. ISHUTDOWN vs Temperature
VIN 6-18 V
EN = GND
Figure 5. VCC(REG) vs VIN
VIN 8–18 V
EN = 12 V
Figure 6. VCC(UVLO) vs Temperature


Similar Part No. - LM25141-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25141-Q1 TI-LM25141-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25141-Q1 TI-LM25141-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25141-Q1 TI-LM25141-Q1 Datasheet
5Mb / 53P
[Old version datasheet]   LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM25141-Q1 TI1-LM25141-Q1 Datasheet
5Mb / 67P
[Old version datasheet]   LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results

Similar Description - LM25141-Q1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com