Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771806DPJR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771806DPJR
Description  Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771806DPJR Datasheet(HTML) 1 Page - Texas Instruments

  BQ771806DPJR Datasheet HTML 1Page - Texas Instruments BQ771806DPJR Datasheet HTML 2Page - Texas Instruments BQ771806DPJR Datasheet HTML 3Page - Texas Instruments BQ771806DPJR Datasheet HTML 4Page - Texas Instruments BQ771806DPJR Datasheet HTML 5Page - Texas Instruments BQ771806DPJR Datasheet HTML 6Page - Texas Instruments BQ771806DPJR Datasheet HTML 7Page - Texas Instruments BQ771806DPJR Datasheet HTML 8Page - Texas Instruments BQ771806DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
OUT
V3
V1
V2
VSS
VDD
RVD
CVD
CIN
VOV
OSC
Delay
Timer
PACK+
PACK–
INT_EN
REG
V4
RIN
V5
RIN
RIN
RIN
RIN
CIN
CIN
CIN
CIN
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
bq7718
SLUSAX1E – DECEMBER 2012 – REVISED MARCH 2017
bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries
with Internal Delay Timer
1
1 Features
1
2-, 3-, 4-, and 5-Series Cell Overvoltage
Protection
Internal Delay Timer
Fixed OVP Threshold
High-Accuracy Overvoltage Protection:
± 10 mV
Low Power Consumption ICC ≈ 1 µA
(VCELL(ALL) < VPROTECT)
Low Leakage Current Per Cell Input < 100 nA
Small Package Footprint
8-pin QFN (3.00 mm × 4.00 mm)
2 Applications
Protection in Li-Ion Battery Packs in:
Power Tools
UPS Battery Backup
Light Electric Vehicles (eBike, eScooter, Pedal
Assist Bicycles)
3 Description
The
bq7718xy
family
of
products
provides
an
overvoltage monitor and protector for Li-Ion battery
pack systems. Each cell is monitored independently
for an overvoltage condition. For quicker production-
line
testing,
the
bq7718xy
device
provides
a
Customer Test Mode (CTM) with greatly reduced
delay time.
In the bq7718xy device, an internal delay timer is
initiated upon detection of an overvoltage condition
on any cell. Upon expiration of the delay timer, the
output is triggered into its active state (either high or
low depending on the configuration).
Device Information Table(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq771800
WSON (8)
3.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet and the Device Comparison Table.
Block Diagram


Similar Part No. - BQ771806DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771806DPJR TI1-BQ771806DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771806DPJR TI1-BQ771806DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771806DPJR TI-BQ771806DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771806DPJR TI-BQ771806DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771806DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809 TI1-BQ771809 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
[Old version datasheet]   BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com