Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771808DPJR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771808DPJR
Description  Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771808DPJR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ771808DPJR Datasheet HTML 2Page - Texas Instruments BQ771808DPJR Datasheet HTML 3Page - Texas Instruments BQ771808DPJR Datasheet HTML 4Page - Texas Instruments BQ771808DPJR Datasheet HTML 5Page - Texas Instruments BQ771808DPJR Datasheet HTML 6Page - Texas Instruments BQ771808DPJR Datasheet HTML 7Page - Texas Instruments BQ771808DPJR Datasheet HTML 8Page - Texas Instruments BQ771808DPJR Datasheet HTML 9Page - Texas Instruments BQ771808DPJR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
bq7718
SLUSAX1E – DECEMBER 2012 – REVISED MARCH 2017
www.ti.com
Product Folder Links: bq7718
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum–rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over-operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
VDD–VSS
–0.3
30
V
Input voltage range
V5–VSS or V4–VSS or
V3–VSS or V2–VSS or V1–VSS
–0.3
30
V
Output voltage range
OUT–VSS
–0.3
30
V
Continuous total power dissipation,
PTOT
See Thermal Information
Functional temperature
–40
110
°C
Storage temperature range, TSTG
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD) Rating Electrostatic discharge
Human body model (HBM) ESD stress voltage(1)
±2000
V
Charged device model (CDM) ESD stress voltage(2)
±500
(1)
See Systems Examples.
7.3 Recommended Operating Conditions
Over-operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
(1)
3
25
V
Input voltage range
V5–V4 or V4–V3 or
V3–V2 or V2–V1 or V1–VSS
0
5
V
Operating ambient temperature range, TA
–40
110
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
bq7718xy
UNIT
DPJ (WSON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
56.6
°C/W
RθJCtop
Junction-to-case(top) thermal resistance
56.4
°C/W
RθJB
Junction-to-board thermal resistance
30.6
°C/W
ψJT
Junction-to-top characterization parameter
1.0
°C/W
ψJB
Junction-to-board characterization parameter
37.8
°C/W
RθJCbot
Junction-to-case(bottom) thermal resistance
11.3
°C/W


Similar Part No. - BQ771808DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808DPJR TI1-BQ771808DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771808DPJR TI1-BQ771808DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771808DPJR TI1-BQ771808DPJR Datasheet
875Kb / 23P
[Old version datasheet]   Internal Delay Timer
BQ771808DPJR TI1-BQ771808DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771808DPJR TI1-BQ771808DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771808DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809 TI1-BQ771809 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
[Old version datasheet]   BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com