Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65263-1QRHBRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263-1QRHBRQ1
Description  4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263-1QRHBRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65263-1QRHBRQ1 Datasheet HTML 2Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 3Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 4Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 9Page - Texas Instruments TPS65263-1QRHBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
TPS65263-1Q1
SLVSDY9 – MARCH 2017
www.ti.com
Product Folder Links: TPS65263-1Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Lab validation result
6.5 Electrical Characteristics
VIN = 12 V, FSW = 500 kHz, TJ = –40°C to 125°C, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY VOLTAGE
VIN
Input voltage range
4
18
V
UVLO
VIN UVLO
VIN rising
3.5
3.8
4
V
VIN falling
3.1
3.3
3.5
V
Hysteresis
500
mV
IDDSDN
Shutdown supply current
EN1 = EN2 = EN3 = 0 V
4
9.5
18
µA
IDDQ_NSW
Input quiescent current without buck1/2/3 switching
EN1 = EN2 = EN3 = 5 V, FB1 =
FB2 = FB3 = 0.8 V
550
780
1150
µA
IDDQ_NSW1
EN1 = 5 V, EN2 = EN3 = 0 V, FB1
= 0.8 V
180
370
590
µA
IDDQ_NSW2
EN2 = 5 V, EN1 = EN3 = 0 V, FB2
= 0.8V
180
370
590
µA
IDDQ_NSW3
EN3 = 5 V, EN1 = EN2 = 0 V, FB3
= 0.8 V
180
370
590
µA
V7V
V7V LDO output voltage
V7V load current = 0 A
6.3
V
IOCP_V7V
V7V LDO current limit
78
185
260
mA
FEEDBACK VOLTAGE REFERENCE
VFB
Feedback voltage
VCOMP = 1.2 V
0.594
0.6
0.606
V
BUCK1, BUCK2, BUCK3
VENXH
EN1/2/3 high-level input voltage
1.12
1.2
1.26
V
VENXL
EN1/2/3 low-level input voltage
1.05
1.15
1.21
V
IENX1
EN1/2/3 pullup current
ENx = 1 V
2.5
3.9
5.9
µA
IENX2
EN1/2/3 pullup current
ENx = 1.5 V
5.1
6.9
9.2
µA
IENhys
Hysteresis current
2.6
3
3.3
µA
ISSX
Soft-start charging current
3.9
5.2
6.5
µA
tON_MIN
Minimum on-time
50
75
110
ns
Gm_EA
Error amplifier transconductance
–2 µA < ICOMPX < 2 µA
140
300
450
µs
Gm_PS1/2/3
COMP1/2/3 voltage to inductor current Gm
(1)
ILX = 0.5 A
7.4
A/V
ILIMIT1
Buck1 peak inductor current limit
4.3
5.4
6.5
A
ILIMITSINK1
Buck1 low-side sink current limit
0.7
1.3
1.8
A
ILIMIT2/3
Buck2/buck3 peak inductor current limit
2.55
3.3
3.9
A
ILIMITSINK2/3
Buck2/buck3 low-side sink current limit
0.5
1
1.4
A
Rdson_HS1
Buck1 high-side switch resistance
VIN = 12 V
105
Rdson_LS1
Buck1 low-side switch resistance
VIN = 12 V
65
Rdson_HS2
Buck2 high-side switch resistance
VIN = 12 V
140
Rdson_LS2
Buck2 low-side switch resistance
VIN = 12 V
90
Rdson_HS3
Buck3 high-side switch resistance
VIN = 12 V
140
Rdson_LS3
Buck3 low-side switch resistance
VIN = 12 V
90
HICCUP TIMING
tHiccup_wait
Overcurrent wait time(1)
256
cycles
tHiccup_re
Hiccup time before restart(1)
8192
cycles
POWER GOOD
Vth_PG
Feedback voltage threshold
FBx undervoltage falling
92.5
%VREF
FBx undervoltage rising
95
FBx overvoltage rising
107.5
FBx overvoltage falling
105
tDEGLITCH(PG)_F
PGOOD falling edge deglitch time
112
cycles
tRDEGLITCH(PG)_R
PGOOD rising edge deglitch time
616
cycles
IPG
PGOOD pin leakage
0.1
µA
VLOW_PG
PGOOD pin low voltage
ISINK = 1 mA
0.4
V


Similar Part No. - TPS65263-1QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263-1QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com