Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744917115 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744917115
Description  WE-KI HC SMD High Current Wire Wound Ceramic Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744917115 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744917115 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744917115 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-KIHC of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
• Strong forces might have the effect to damage the coplanarity of the electrical connection (pins), will restrain the soldering and void the
warranty.
• Please notice that the recommended thickness of the soldering paste is 120 µm.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HBH
DIN ISO 2768-1m
DESCRIPTION
WE-KI HC SMD High Current Wire
Wound Ceramic Inductor
ORDER CODE
744917115
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0603
001.000
Valid
2015-11-10
eiSos
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744917115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744917110 WURTH-744917110 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917111 WURTH-744917111 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917112 WURTH-744917112 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917116 WURTH-744917116 Datasheet
374Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917118 WURTH-744917118 Datasheet
374Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results

Similar Description - 744917115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744916068 WURTH-744916068 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916110 WURTH-744916110 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916122 WURTH-744916122 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916124 WURTH-744916124 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917060 WURTH-744917060 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917095 WURTH-744917095 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917151 WURTH-744917151 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917156 WURTH-744917156 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917227 WURTH-744917227 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917233 WURTH-744917233 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916036 WURTH-744916036 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com