Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7054L20PRF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7054L20PRF
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7054L20PRF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7054L20PRF Datasheet HTML 1Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 2Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 3Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 4Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 5Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 6Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 7Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 8Page - Integrated Device Technology IDT7054L20PRF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
3
Pin Configurations(1,2,3) (con't.)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. Package body is approximately 14mm x 20mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
70
69
68
67
66
65
91
71
IDT7054PRF
PK128-1(4)
128-Pin TQFP
Top View(5)
3241 drw 03
.
CEP2
OEP2
N/C
N/C
N/C
N/C
N/C
A0P1
A1P1
A2P1
A3P1
A4P1
A5P1
A6P1
A10P1
VCC
A7P1
A8P1
A9P1
A11P1
CEP1
R/
WP1
OEP1
N/C
N/C
N/C
N/C
N/C
N/C
I/O0P1
I/O1P1
I/O2P1
I/O3P1
GND
I/O4P1
I/O5P1
I/O6P1
I/O7P1
CEP3
R/
WP3
N/C
N/C
N/C
N/C
N/C
A0P4
A1P4
A2P4
A3P4
A4P4
A5P4
A6P4
A10P4
GND
A7P4
A8P4
A9P4
A11P4
CEP4
R/
WP4
OEP4
N/C
N/C
N/C
N/C
N/C
GND
N/C
I/O7P4
I/O6P4
I/O5P4
GND
I/O4P4
I/O3P4
I/O2P4
I/O1P4
INDEX
11/14/01


Similar Part No. - IDT7054L20PRF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
More results

Similar Description - IDT7054L20PRF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com