Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C09E2-20 Datasheet(PDF) 3 Page - Anaren Microwave

Part # X3C09E2-20
Description  AMPS, GSM, WCDMA and LTE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09E2-20 Datasheet(HTML) 3 Page - Anaren Microwave

  X3C09E2-20 Datasheet HTML 1Page - Anaren Microwave X3C09E2-20 Datasheet HTML 2Page - Anaren Microwave X3C09E2-20 Datasheet HTML 3Page - Anaren Microwave X3C09E2-20 Datasheet HTML 4Page - Anaren Microwave X3C09E2-20 Datasheet HTML 5Page - Anaren Microwave X3C09E2-20 Datasheet HTML 6Page - Anaren Microwave X3C09E2-20 Datasheet HTML 7Page - Anaren Microwave X3C09E2-20 Datasheet HTML 8Page - Anaren Microwave X3C09E2-20 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C09E2-20
Rev A
Insertion Loss and Power Derating Curves
Typical Insertion Loss Derating Curve for X3C09E2-20
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
-100
-50
0
50
100
150
200
Temperature of the Part (
oC)
typical insertion loss (f=800Mhz)
typical insertion loss (f=894Mhz)
typical insertion loss (f=960Mhz)
typical insertion loss (f=1000Mhz)
X3C09E2-20 Power Derating Curve
0
50
100
150
200
250
300
350
400
0
50
100
150
200
Mounting Interface Temperature (
oC)
700 - 1000Mhz
225
95
Insertion Loss Derating:
The insertion loss, at a given frequency, of a group of
couplers is measured at 25
°C and then averaged. The
measurements are performed under small signal
conditions (i.e. using a Vector Network Analyzer). The
process is repeated at 85
°C and 150°C. A best-fit line
for the measured data is computed and then plotted
from -55
°C to 150°C.
Power Derating:
The power handling and corresponding power derating
plots are a function of the thermal resistance, mounting
surface
temperature
(base
plate
temperature),
maximum continuous operating temperature of the
coupler, and the thermal insertion loss. The thermal
insertion loss is defined in the Power Handling section of
the data sheet.
As the mounting interface temperature approaches the
maximum continuous operating temperature, the power
handling decreases to zero.


Similar Part No. - X3C09E2-20

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
More results

Similar Description - X3C09E2-20

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19F1-20S ANAREN-X3C19F1-20S Datasheet
1Mb / 18P
   AMPS, GSM, WCDMA & LTE
X3C09F1-03S ANAREN-X3C09F1-03S Datasheet
1Mb / 18P
   AMPS, GSM, WCDMA & LTE
logo
TriQuint Semiconductor
TQC9112 TRIQUINT-TQC9112_15 Datasheet
276Kb / 1P
   GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
logo
Anaren Microwave
X3C19E2-20 ANAREN-X3C19E2-20 Datasheet
701Kb / 22P
   DCS, PCS, WCDMA and LTE
logo
Skyworks Solutions Inc.
SKY78041 SKYWORKS-SKY78041 Datasheet
508Kb / 2P
   Ultra Front-End Module for WCDMA - LTE Bands 26, 8, 12, 20, 13, and GSM
logo
Cree, Inc
CGH09120F CREE-CGH09120F Datasheet
1Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
logo
WOLFSPEED, INC.
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
logo
List of Unclassifed Man...
MA208AAB007 ETC2-MA208AAB007 Datasheet
1Mb / 19P
   GPS and LTE/GSM/UMTS Combination Antenna
logo
Asahi Kasei Microsystem...
AK1587 AKM-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
List of Unclassifed Man...
MA208AAB001 ETC2-MA208AAB001 Datasheet
1Mb / 19P
   GPS and LTE/GSM/UMTS Combination Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com