Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPET0305-W5 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPET0305-W5
Description  0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPET0305-W5 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPET0305-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPET0305-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPET0305-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPET-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 3 of 3
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
REEL PACKAGING DETAILS
0.60MAX
16.00
6.60
11.60
2.00
4.00
1.50
+0.10
-0.00
1.75
11.50
24.00±0.30
13.20
All pins on a 2.54mm pitch.
Unless otherwise stated all dimensions in mm
±0.5mm.
Unless otherwise stated all dimensions in mm
±0.25mm.
Tube length:475mm
±2.0mm
Tube Quantity:35PCS
LEADER SECTION
400MIN
CARRIER TAPE START
100MIN
GOODS ENCLOSURE
SECTION
TRAILER SECTION
160MIN
Product Orientation
Pin 1, located nearest to carrier drive sprocket
Reel Quantity : 500PCS
Less than 500pcs, will be tube packing !
330MAX
13.00±0.25
30.40MAX
24.40
100.00MIN
1 1 .60
1 .6 0
1.0 0
7 .62
2 .54
0 .60 ± 0.1 5
1 0.40
3.80
14 .95
5 .3


Similar Part No. - TPET0305-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPET0305-W5 TOPPOWER-TPET0305-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPET0305-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5 Datasheet
208Kb / 4P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com