Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C19F1-20S Datasheet(PDF) 10 Page - Anaren Microwave

Part # X3C19F1-20S
Description  AMPS, GSM, WCDMA & LTE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C19F1-20S Datasheet(HTML) 10 Page - Anaren Microwave

Back Button X3C19F1-20S Datasheet HTML 6Page - Anaren Microwave X3C19F1-20S Datasheet HTML 7Page - Anaren Microwave X3C19F1-20S Datasheet HTML 8Page - Anaren Microwave X3C19F1-20S Datasheet HTML 9Page - Anaren Microwave X3C19F1-20S Datasheet HTML 10Page - Anaren Microwave X3C19F1-20S Datasheet HTML 11Page - Anaren Microwave X3C19F1-20S Datasheet HTML 12Page - Anaren Microwave X3C19F1-20S Datasheet HTML 13Page - Anaren Microwave X3C19F1-20S Datasheet HTML 14Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C19F1-20S
Rev C
Peak Power Handling
High-Pot testing of these couplers during the qualification procedure resulted in a minimum breakdown voltage of
1.12Kv (minimum recorded value). This voltage level corresponds to a breakdown resistance capable of handling at
least 12dB peaks over average power levels, for very short durations. The breakdown location consistently occurred
across the air interface at the coupler contact pads (see illustration below). The breakdown levels at these points will
be affected by any contamination in the gap area around these pads. These areas must be kept clean for optimum
performance. It is recommended that the user test for voltage breakdown under the maximum operating conditions
and over worst case modulation induced power peaking. This evaluation should also include extreme environmental
conditions (such as high humidity).
Orientation Marker
A printed circular feature appears on the top surface of the coupler to designate Pin 1. This orientation marker is not
intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of
these parts into the tape and reel package. This ensures that the components are always delivered with the same
orientation. Refer to the table on page 2 of the data sheet for allowable pin configurations.
Test Plan
Xinger couplers are manufactured in large panels and then separated. All parts are RF small signal tested and DC
tested for shorts/opens at room temperature in the fixture described above . (See “Qualification Flow Chart” section
for details on the accelerated life test procedures.)


Similar Part No. - X3C19F1-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19F1-03S ANAREN-X3C19F1-03S Datasheet
1Mb / 18P
   Tight Amplitude Balance
More results

Similar Description - X3C19F1-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09F1-03S ANAREN-X3C09F1-03S Datasheet
1Mb / 18P
   AMPS, GSM, WCDMA & LTE
X3C09E2-20 ANAREN-X3C09E2-20 Datasheet
678Kb / 22P
   AMPS, GSM, WCDMA and LTE
logo
TriQuint Semiconductor
TQC9112 TRIQUINT-TQC9112_15 Datasheet
276Kb / 1P
   GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
logo
Cree, Inc
CGH09120F CREE-CGH09120F Datasheet
1Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
logo
WOLFSPEED, INC.
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
logo
Asahi Kasei Microsystem...
AK1587 AKM-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
HuaXinAn Electronics CO...
AK1587 HUAXINAN-AK1587 Datasheet
65Kb / 2P
   Femtocell LTE-A/LTE//WCDMA RF Transceiver
logo
WALSIN TECHNOLOGY CORPO...
RFBLN16080G9D2T WALSIN-RFBLN16080G9D2T Datasheet
532Kb / 7P
   LTE/ GSM Band Application
RFBLN16080G9D27N2T WALSIN-RFBLN16080G9D27N2T Datasheet
531Kb / 7P
   LTE/ GSM Band Application
logo
Anaren Microwave
X3C19E2-20 ANAREN-X3C19E2-20 Datasheet
701Kb / 22P
   DCS, PCS, WCDMA and LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com