Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C19P1-04S Datasheet(PDF) 7 Page - Anaren Microwave

Part # X3C19P1-04S
Description  Production Friendly
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C19P1-04S Datasheet(HTML) 7 Page - Anaren Microwave

Back Button X3C19P1-04S Datasheet HTML 3Page - Anaren Microwave X3C19P1-04S Datasheet HTML 4Page - Anaren Microwave X3C19P1-04S Datasheet HTML 5Page - Anaren Microwave X3C19P1-04S Datasheet HTML 6Page - Anaren Microwave X3C19P1-04S Datasheet HTML 7Page - Anaren Microwave X3C19P1-04S Datasheet HTML 8Page - Anaren Microwave X3C19P1-04S Datasheet HTML 9Page - Anaren Microwave X3C19P1-04S Datasheet HTML 10Page - Anaren Microwave X3C19P1-04S Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C19P1-04S
Rev B
Notes on RF Testing and Circuit Layout
The X3C19P1-04S Surface Mount Couplers require the use of a test fixture for verification of RF performance. This
test fixture is designed to evaluate the coupler in the same environment that is recommended for installation.
Enclosed inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being
tested is placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four
port Vector Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst
case values for each parameter are found and compared to the specification. These worst case values are reported to
the test equipment operator along with a Pass or Fail flag. See the illustrations below.
3dB, 4dB and 5dB
Test Board
Test Board
In Fixture
Test Station


Similar Part No. - X3C19P1-04S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P1-03 ANAREN-X3C19P1-03 Datasheet
645Kb / 26P
   Hybrid Coupler
X3C19P1-03P ANAREN-X3C19P1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
X3C19P1-03S ANAREN-X3C19P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
logo
NXP Semiconductors
X3C19P1-03S NXP-X3C19P1-03S Datasheet
555Kb / 21P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2016
X3C19P1-03S NXP-X3C19P1-03S Datasheet
221Kb / 8P
   RF Power GaN Transistor
More results

Similar Description - X3C19P1-04S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
   Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
   Production Friendly
XDL20-11-180S ANAREN-XDL20-11-180S Datasheet
152Kb / 3P
   Production Friendly
XDL21-7-110 ANAREN-XDL21-7-110 Datasheet
385Kb / 3P
   Production Friendly
XDL15-3-030S ANAREN-XDL15-3-030S Datasheet
432Kb / 6P
   Production Friendly
X3C35F1-02S ANAREN-X3C35F1-02S Datasheet
878Kb / 18P
   Production Friendly
XEC24P3-30G ANAREN-XEC24P3-30G Datasheet
511Kb / 19P
   Production Friendly
XDL09-8-080 ANAREN-XDL09-8-080 Datasheet
190Kb / 3P
   Production Friendly
X3C07P1-05S ANAREN-X3C07P1-05S Datasheet
942Kb / 17P
   Production Friendly
X3C25P1-04S ANAREN-X3C25P1-04S Datasheet
1Mb / 19P
   Production Friendly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com