Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IME012V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IME012V1
Description  4-channel outputs: high voltage and low voltage BNC connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IME012V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IME012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IME012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IME012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IME012V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-IME012V1
2/4
DocID028181 Rev 2
1
Schematic diagram
Figure 1: STEVAL-IME012V1 circuit schematic
SPI3_MISO
SPI_CLK
SPI_JTAG_2
P1
P2
P3
P4
L1
L2
L3
L4
GND_PWR
JTMS
JTCK
JTDI
JTDO
JRST
DVDD
HVM1
HVM0
NRST
AUX1
AUX2
AUX3
AUX0
AUX4
AUX5
AUX6
AUX7
HVM_CW
GSPG2907151040SG


Similar Part No. - STEVAL-IME012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
   4-channel outputs: high voltage and low voltage BNC connectors
August 2015 Rev 1
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
   USB connector to load own waveforms onto the board
November 2016 Rev 1
STEVAL-IME013V1 STMICROELECTRONICS-STEVAL-IME013V1 Datasheet
255Kb / 4P
   USB connector to download stored waveforms
April 2016 Rev 2
More results

Similar Description - STEVAL-IME012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
   4-channel outputs: high voltage and low voltage BNC connectors
August 2015 Rev 1
logo
Emerson Network Power
NLP110 EMERSON-NETWORKPOWER-NLP110 Datasheet
1Mb / 4P
   Provides low voltage outputs
logo
MOSA ELECTRONICS
MS6712L MOSA-MS6712L Datasheet
663Kb / 14P
   Low Cost 4 Stereo Inputs and 4-Channel Outputs
logo
Shenzhen Huazhimei Semi...
HM75XXHB HMSEMI-HM75XXHB Datasheet
1Mb / 12P
   low voltage drop and low power high voltage regulators
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com