Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA022V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA022V1
Description  Total maximum output power: 5.5 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA022V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA022V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA022V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA022V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA022V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 2
1/4
4
STEVAL-ISA022V1
6 W isolated flyback topology power supply evaluation board
based on VIPer12A-E
Features
Input voltage range: from 90 to 264 VAC
Input voltage frequency range: 50/60 Hz
Main output (regulated): 5 V/500 mA
Second output: 15 V/ 200 mA
Total maximum output power: 5.5 W
Description
This evaluation board is a power supply solution
based on an offline discontinuous current mode
flyback converter with isolated input and output.
The flyback topology fully exploits the current and
voltage capability of the incorporated monolithic
VIPer12A-E device when compared with a buck-
converter based power supply. The VIPer12-E
incorporates a PWM controller with a 60 kHz
internal oscillator and a vertical Power MOSFET
switch in an SO-8 package.
STEVAL-ISA022V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-ISA022V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
   3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
   Flyback AC-DC converter evaluation board based on the VIPer53-E
December 2007 Rev 2
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
   Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
   20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
STEVAL-ISA025V1 STMICROELECTRONICS-STEVAL-ISA025V1 Datasheet
114Kb / 4P
   Step-down DC-DC converter at 3.3 Vout/20 A and switching frequency of 400 kHz evaluation board based on L6730
More results

Similar Description - STEVAL-ISA022V1

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AYA01F05-L ARTESYN-AYA01F05-L Datasheet
454Kb / 3P
   Total Power: 3 W
AXA02F18-L ARTESYN-AXA02F18-L Datasheet
415Kb / 2P
   Total Power: 10 W
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
   Total Power: 75 W
AXA06F18-L ARTESYN-AXA06F18-L Datasheet
514Kb / 2P
   Total Power: 25 W
ERM10A72 ARTESYN-ERM10A72 Datasheet
442Kb / 2P
   Total Power: 50 W
BXB100-24S12FLTJ ARTESYN-BXB100-24S12FLTJ Datasheet
613Kb / 3P
   Total Power: 66 - 100 W
DS460S-3-002 ARTESYN-DS460S-3-002 Datasheet
1Mb / 5P
   Total Output Power: 460 Watts
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
DS460SDC-3 ARTESYN-DS460SDC-3 Datasheet
727Kb / 5P
   Total Output Power: 460 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com