Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43485IB-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL43485IB-T
Description  3.3V, Low Power, 30Mbps, RS-485/RS-422
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43485IB-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL43485IB-T Datasheet HTML 3Page - Intersil Corporation ISL43485IB-T Datasheet HTML 4Page - Intersil Corporation ISL43485IB-T Datasheet HTML 5Page - Intersil Corporation ISL43485IB-T Datasheet HTML 6Page - Intersil Corporation ISL43485IB-T Datasheet HTML 7Page - Intersil Corporation ISL43485IB-T Datasheet HTML 8Page - Intersil Corporation ISL43485IB-T Datasheet HTML 9Page - Intersil Corporation ISL43485IB-T Datasheet HTML 10Page - Intersil Corporation ISL43485IB-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
528
PROCESS:
Si Gate BiCMOS
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE
FIGURE 13. DRIVER SKEW vs TEMPERATURE
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW
Typical Performance Curves VCC = 3.3V, TA = 25°C; Unless Otherwise Specified (Continued)
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
8
9
10
11
12
13
14
15
16
tPHLY
tPHLZ
tPLHZ
tPHLY
tPLHY
RDIFF = 54Ω
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
0.5
1
1.5
2
2.5
3
3.5
4
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
↑ & Z↓ -
CROSSING PT. OF Y
↓ & Z↑|
RDIFF = 54Ω
FIGURE 2A
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
0
0.5
1
1.5
2
2.5
3
B/Z
A/Y
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
0
0.5
1
1.5
2
2.5
3
A/Y
B/Z
ISL43485


Similar Part No. - ISL43485IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43485IB-T INTERSIL-ISL43485IB-T Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL43485IB-T RENESAS-ISL43485IB-T Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results

Similar Description - ISL43485IB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com