Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1042020 Datasheet(PDF) 6 Page - SICK AG

Part # 1042020
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042020 Datasheet(HTML) 6 Page - SICK AG

  1042020 Datasheet HTML 1Page - SICK AG 1042020 Datasheet HTML 2Page - SICK AG 1042020 Datasheet HTML 3Page - SICK AG 1042020 Datasheet HTML 4Page - SICK AG 1042020 Datasheet HTML 5Page - SICK AG 1042020 Datasheet HTML 6Page - SICK AG 1042020 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV640-3000 | CLV64x
BAR CODE SCANNERS
Reading field diagram
Reading distance in mm (inch)
Focus position in mm (inch)
Resolution 0.5 mm (19.7 mil)
max. reading distance (aperture angle 25°)
max. reading distance (aperture angle 50°)
min. reading distance
380
(14.96)
320
(12.6)
260
(10.24)
200
(7.87)
140
(5.51)
80
(3.15)
600
(23.62)
400
(15.75)
200
(7.87)
0
A
B
C
A
B
C
Recommended accessories
Other models and accessories
www.sick.com/CLV64x
Brief description
Type
Part no.
Mounting brackets and plates
Hanger-shaped mounting bracket, thermally isolated for use with heating devices,
mounting hardware included
Mounting bracket
2050705
Hanger-shaped mounting bracket, mounting hardware included
Mounting bracket
2042800
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Modular connection module for one sensor
CDM420-0001
1025362
6
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - 1042020

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
104202000001 ERNI-104202000001 Datasheet
44Kb / 1P
   F 2,54 SRC-A, 4-polig BA 2
104202070001 ERNI-104202070001 Datasheet
44Kb / 1P
   F 2,54 SRC-A, 3-polig BA 2
More results

Similar Description - 1042020

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com